Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHCTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM303DLHCTR
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHCTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM303DLHCTR Datasheet HTML 7Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 8Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 9Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 10Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 11Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 12Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 13Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 14Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LSM303DLHC
Module specifications
Doc ID 018771 Rev 1
11/42
2.3
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted.
Table 5.
Electrical characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
-
2.16
3.6
V
Vdd_IO
Module power supply for I/O
1.71
1.8
Vdd+0.1
Idd
Current consumption in normal
mode(2)
110
µA
IddSL
Current consumption in
sleep-mode(3)
1µA
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed
.
2.
Magnetic sensor setting ODR = 7.5 Hz, Accelerometer sensor ODR = 50 Hz
.
3.
Linear accelerometer in sleep-mode and magnetic sensor in power-down mode
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com