Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHCTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM303DLHCTR
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHCTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM303DLHCTR Datasheet HTML 32Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 33Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 34Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 35Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 36Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 37Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 38Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 39Page - STMicroelectronics LSM303DLHCTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Register description
LSM303DLHC
36/42
Doc ID 018771 Rev 1
1 LSB = 1/ODR. TLA7 through TLA0 define the time interval that starts after the first click
detection where the click detection procedure is disabled, in cases where the device is
configured for double click detection.
7.1.27
TIME WINDOW_A (3Dh)
1 LSB = 1/ODR. TW7 through TW0 define the maximum interval of time that can elapse
after the end of the latency interval in which the click detection procedure can start, in cases
where the device is configured for double click detection.
7.2
Magnetic field sensing register description
7.2.1
CRA_REG_M (00h)
Table 68.
TIME_WINDOW_A register
TW7
TW6
TW5
TW4
TW3
TW2
TW1
TW0
Table 69.
TIME_WINDOW_A description
TW7-TW0
CLICK-CLICK time window
Table 70.
CRA_REG_M register
TEMP_EN
0(1)
1.
This bit must be set to ‘0’ for correct working of the device
0(1)
DO2
DO1
DO0
0(1)
0(1)
Table 71.
CRA_REG_M description
TEMP _EN
Temperature sensor enable.
0: temperature sensor disabled (default), 1: temperature sensor enabled
DO2 to DO0
Data output rate bits. These bits set the rate at which data is written to all three data
output registers (refer to
Table 72). Default value: 100
Table 72.
Data rate configurations
DO2
DO1
DO0
Minimum data output rate (Hz)
00
0
0.75
00
1
1.5
01
0
3.0
01
1
7.5
1
0
0
15
10
1
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com