Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-R Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24C64-R
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-R Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24C64-R Datasheet HTML 30Page - STMicroelectronics M24C64-R Datasheet HTML 31Page - STMicroelectronics M24C64-R Datasheet HTML 32Page - STMicroelectronics M24C64-R Datasheet HTML 33Page - STMicroelectronics M24C64-R Datasheet HTML 34Page - STMicroelectronics M24C64-R Datasheet HTML 35Page - STMicroelectronics M24C64-R Datasheet HTML 36Page - STMicroelectronics M24C64-R Datasheet HTML 37Page - STMicroelectronics M24C64-R Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Package mechanical data
M24C64-W M24C64-R M24C64-F M24C64-DF
34/42
Doc ID 16891 Rev 27
Figure 17.
SO8N – 8 lead plastic small outline, 150 mils body width, package outline
1.
Drawing is not to scale.
Table 19.
SO8N – 8 lead plastic small outline, 150 mils body width, package data
Symbol
millimeters
inches (1)
1.
Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
1.750
0.0689
A1
0.100
0.250
0.0039
0.0098
A2
1.250
0.0492
b
0.280
0.480
0.0110
0.0189
c
0.170
0.230
0.0067
0.0091
ccc
0.100
0.0039
D
4.900
4.800
5.000
0.1929
0.1890
0.1969
E
6.000
5.800
6.200
0.2362
0.2283
0.2441
E1
3.900
3.800
4.000
0.1535
0.1496
0.1575
e
1.270
0.0500
h
0.250
0.500
0.0098
0.0197
k
0°8°
0°8°
L
0.400
1.270
0.0157
0.0500
L1
1.040
0.0409
SO-A
E1
8
ccc
b
e
A
D
c
1
E
h x 45˚
A2
k
0.25 mm
L
L1
A1
GAUGE PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com