Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-R Datasheet(PDF) 36 Page - STMicroelectronics

Part # M24C64-R
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-R Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M24C64-R Datasheet HTML 32Page - STMicroelectronics M24C64-R Datasheet HTML 33Page - STMicroelectronics M24C64-R Datasheet HTML 34Page - STMicroelectronics M24C64-R Datasheet HTML 35Page - STMicroelectronics M24C64-R Datasheet HTML 36Page - STMicroelectronics M24C64-R Datasheet HTML 37Page - STMicroelectronics M24C64-R Datasheet HTML 38Page - STMicroelectronics M24C64-R Datasheet HTML 39Page - STMicroelectronics M24C64-R Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Package mechanical data
M24C64-W M24C64-R M24C64-F M24C64-DF
36/42
Doc ID 16891 Rev 27
Figure 19.
UFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no lead, package
outline
1.
Drawing is not to scale.
2.
The central pad (area E2 by D2 in the above illustration) is internally pulled to VSS. It must not be
connected to any other voltage or signal line on the PCB, for example during the soldering process.
Table 21.
UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead
2 x 3 mm, data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.550
0.450
0.600
0.0217
0.0177
0.0236
A1
0.020
0.000
0.050
0.0008
0.0000
0.0020
b
0.250
0.200
0.300
0.0098
0.0079
0.0118
D
2.000
1.900
2.100
0.0787
0.0748
0.0827
D2 (rev MC)
1.200
1.600
0.0472
0.0630
E
3.000
2.900
3.100
0.1181
0.1142
0.1220
E2 (rev MC)
1.200
1.600
0.0472
0.0630
e
0.500
0.0197
K (rev MC)
0.300
0.0118
L
0.300
0.500
0.0118
0.0197
L1
0.150
0.0059
L3
0.300
0.0118
eee(2)
2.
Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from
measuring.
0.080
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com