Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-R Datasheet(PDF) 41 Page - STMicroelectronics

Part # M24C64-R
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-R Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M24C64-R Datasheet HTML 34Page - STMicroelectronics M24C64-R Datasheet HTML 35Page - STMicroelectronics M24C64-R Datasheet HTML 36Page - STMicroelectronics M24C64-R Datasheet HTML 37Page - STMicroelectronics M24C64-R Datasheet HTML 38Page - STMicroelectronics M24C64-R Datasheet HTML 39Page - STMicroelectronics M24C64-R Datasheet HTML 40Page - STMicroelectronics M24C64-R Datasheet HTML 41Page - STMicroelectronics M24C64-R Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
M24C64-W M24C64-R M24C64-F M24C64-DF
Revision history
Doc ID 16891 Rev 27
41/42
16-Dec-2011
26
Updated A dimension in Table 22: WLCSP-R 5-bump wafer-length chip-
scale package mechanical data.
28-Aug-2012
27
Datasheet split into:
– M24C64-DF, M24C64-W, M24C64-R,M24C64-F (this datasheet) for
tandard products (range 6),
– M24C64-125 datasheet for automotive products (range 3).
Added 8-bump thin WLCSP.
Updated single supply voltage and number of Write cycles on cover
page.
Updated Section 2.1: Serial Clock (SCL) and Section 2.2: Serial Data
(SDA).
Updated Figure 6: Block diagram.
Added Section 4.5: Device addressing.
Section 5.1: Write operations move to Section 5: Instructions and
updated.
Moved Figure 8: Write mode sequences with WC = 0 (data write
enabled) to Section 5.1.1: Byte Write.
Section 5.1.2: Page Write: changed address bits to A15/A5 and updated
Figure 9.
Case of locked Write identification Page removed from Section 5.1.4:
Lock Identification Page (M24C64-D only).
Updated Section 5.1.5: ECC (Error Correction Code) and Write cycling
and move Figure 10: Write cycle polling flowchart using ACK to
Section 5.1.6: Minimizing Write delays by polling on ACK.
Added note 1 in Table 6: Operating conditions (voltage range W) and
Table 7: Operating conditions (voltage range R).
Added Table 11: Cycling performance by groups of four bytes and
updated Table 12: Memory cell data retention.
Removed note 2 in Table 16: 400 kHz AC characteristics for tQL1QL2,
tWLDL, tDHWH, and tNS.
Table 24: Ordering information scheme: removed ambient operating
temperature for device grade 5 and added Note 2. to MLP8 and WLCSP
packages.
Table 25.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com