Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-DF Datasheet(PDF) 24 Page - STMicroelectronics

Part # M24C64-DF
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M24C64-DF Datasheet HTML 20Page - STMicroelectronics M24C64-DF Datasheet HTML 21Page - STMicroelectronics M24C64-DF Datasheet HTML 22Page - STMicroelectronics M24C64-DF Datasheet HTML 23Page - STMicroelectronics M24C64-DF Datasheet HTML 24Page - STMicroelectronics M24C64-DF Datasheet HTML 25Page - STMicroelectronics M24C64-DF Datasheet HTML 26Page - STMicroelectronics M24C64-DF Datasheet HTML 27Page - STMicroelectronics M24C64-DF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
DC and AC parameters
M24C64-W M24C64-R M24C64-F M24C64-DF
24/42
Doc ID 16891 Rev 27
8
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device.
Table 6.
Operating conditions (voltage range W)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.5
5.5
V
TA
Ambient operating temperature
–40
85
°C
fC
Operating clock frequency
-
1(1)
1.
fCmax is 1 MHz devices identified by process letter K.
MHz
Table 7.
Operating conditions (voltage range R)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.8
5.5
V
TA
Ambient operating temperature
–40
85
°C
fC
Operating clock frequency
-
1(1)
1.
fCmax is 1 MHz devices identified by process letter K.
MHz
Table 8.
Operating conditions (voltage range F)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.7
5.5
V
TA
Ambient operating temperature
–40
85
°C
fC
Operating clock frequency
-
1(1)
1.
fCmax is 1 MHz devices identified by process letter K.
MHz
Table 9.
AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
Cbus
Load capacitance
100
pF
SCL input rise/fall time, SDA input fall time
50
ns
Input levels
0.2 VCC to 0.8 VCC
V
Input and output timing reference levels
0.3 VCC to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com