Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-DF Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24C64-DF
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24C64-DF Datasheet HTML 26Page - STMicroelectronics M24C64-DF Datasheet HTML 27Page - STMicroelectronics M24C64-DF Datasheet HTML 28Page - STMicroelectronics M24C64-DF Datasheet HTML 29Page - STMicroelectronics M24C64-DF Datasheet HTML 30Page - STMicroelectronics M24C64-DF Datasheet HTML 31Page - STMicroelectronics M24C64-DF Datasheet HTML 32Page - STMicroelectronics M24C64-DF Datasheet HTML 33Page - STMicroelectronics M24C64-DF Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
DC and AC parameters
M24C64-W M24C64-R M24C64-F M24C64-DF
30/42
Doc ID 16891 Rev 27
Table 17.
1 MHz AC characteristics
Symbol
Alt.
Parameter(1)
1.
Only for M24C64 devices identified by the process letter K.
Min.
Max.
Unit
fC
fSCL
Clock frequency
0
1
MHz
tCHCL
tHIGH
Clock pulse width high
260
-
ns
tCLCH
tLOW
Clock pulse width low
500
-
ns
tXH1XH2
tR
Input signal rise time
(2)
2.
There is no min. or max. values for the input signal rise and fall times. It is however recommended by the
I²C specification that the input signal rise and fall times be less than 120 ns when fC <1MHz.
(2)
ns
tXL1XL2
tF
Input signal fall time
(2)
(2)
ns
tQL1QL2
(3)
3.
Characterized only, not tested in production.
tF
SDA (out) fall time
20(4)
4.
With CL = 10 pF.
120
ns
tDXCX
tSU:DAT Data in setup time
50
-
ns
tCLDX
tHD:DAT Data in hold time
0
-
ns
tCLQX
(5)
5.
To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
tDH
Data out hold time
100
-
ns
tCLQV
(6)
6.
tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach either 0.3 VCC or
0.7 VCC, assuming that the Rbus × Cbus time constant is within the values specified in Figure 14.
tAA
Clock low to next data valid (access time)
450
ns
tCHDL
tSU:STA Start condition setup time
250
-
ns
tDLCL
tHD:STA Start condition hold time
250
-
ns
tCHDH
tSU:STO Stop condition setup time
250
-
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
500
-
ns
tWLDL
(7)(3)
7.
WC=0 set up time condition to enable the execution of a WRITE command.
tSU:WC WC set up time (before the Start condition)
0
-
µs
tDHWH
(8)(3)
8.
WC=0 hold time condition to enable the execution of a WRITE command.
tHD:WC WC hold time (after the Stop condition)
1
-
µs
tW
tWR
Write time
-
5
ms
tNS
(3)
Pulse width ignored (input filter on SCL and
SDA)
-80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com