Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64-DF Datasheet(PDF) 40 Page - STMicroelectronics

Part # M24C64-DF
Description  64-Kbit serial I2C bus EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DF Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M24C64-DF Datasheet HTML 34Page - STMicroelectronics M24C64-DF Datasheet HTML 35Page - STMicroelectronics M24C64-DF Datasheet HTML 36Page - STMicroelectronics M24C64-DF Datasheet HTML 37Page - STMicroelectronics M24C64-DF Datasheet HTML 38Page - STMicroelectronics M24C64-DF Datasheet HTML 39Page - STMicroelectronics M24C64-DF Datasheet HTML 40Page - STMicroelectronics M24C64-DF Datasheet HTML 41Page - STMicroelectronics M24C64-DF Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Revision history
M24C64-W M24C64-R M24C64-F M24C64-DF
40/42
Doc ID 16891 Rev 27
11
Revision history
Table 25.
Document revision history
Date
Revision
Changes
14-Mar-2011
22
Updated information concerning E2, E1, E0 for the WLCSP package:
– note under Figure 3: 5-bump WLCSP connections (top view)
– comment under Figure 5: Device select code
– note 3 under Table 2: Device select code
07-Apr-2011
23
Updated MLP8 package data and Section 10: Part numbering.
Added footnote (a) in Section 4.5: Memory addressing.
18-May-2011
24
Updated:
– Figure 3: 5-bump WLCSP connections (top view)
– Table 5: Absolute maximum ratings
– Small text changes
Added:
– Figure 12: Memory cell characteristics
08-Sep-2011
25
Updated:
– Table 21: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat
package no lead 2 x 3 mm, data
– Figure 14: Maximum Rbus value versus bus parasitic capacitance
Cbus) for an I2C bus at maximum frequency fC = 1MHz
– Figure 6: I2C Fast mode Plus (fC = 1 MHz): maximum Rbus value
versus bus parasitic capacitance (Cbus).
Added tWLDL and tDHWH in:
– Table 16: 400 kHz AC characteristics
– Table 17: 1 MHz AC characteristics
– Figure :
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com