Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX632 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSX632
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX632 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSX632 Datasheet HTML 6Page - STMicroelectronics TSX632 Datasheet HTML 7Page - STMicroelectronics TSX632 Datasheet HTML 8Page - STMicroelectronics TSX632 Datasheet HTML 9Page - STMicroelectronics TSX632 Datasheet HTML 10Page - STMicroelectronics TSX632 Datasheet HTML 11Page - STMicroelectronics TSX632 Datasheet HTML 12Page - STMicroelectronics TSX632 Datasheet HTML 13Page - STMicroelectronics TSX632 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
TSX63x, TSX63xA
10/31
DocID024293 Rev 1
AC performance
GBP
Gain bandwidth product
RL = 100 kΩ, CL = 100 pF
160
200
kHz
Fu
Unity gain frequency
160
Φm
Phase margin
55
degrees
Gm
Gain margin
9
dB
SR
Slew rate
RL = 100 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5V
0.12
V/
μs
∫ en
Low-frequency peak-to-peak
input noise
Bandwidth: f = 0.1 to 10 Hz
5
µVpp
en
Equivalent input noise voltage
f = 1 kHz
60
f = 10 kHz
THD+N Total harmonic distortion + noise
Follower configuration,
fin = 1 kHz, RL = 100 kΩ,
Vicm = 5 V, BW = 22 kHz,
Vout = 1 Vpp
0.004
%
1. See Chapter 4.3: Input offset voltage drift over temperature on page 18
2. Typical value is based on the Vio drift observed after 1000h at 125°C extrapolated to 25°C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration. See
Chapter 4.4: Long term input offset voltage drift on page 19.
3. Guaranteed by design
Table 6. Electrical characteristics at VCC+ = +10 V with VCC- = 0 V, Vicm = VCC/2, T = 25 ° C, and
RL=10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com