Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX632 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSX632
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX632 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSX632 Datasheet HTML 10Page - STMicroelectronics TSX632 Datasheet HTML 11Page - STMicroelectronics TSX632 Datasheet HTML 12Page - STMicroelectronics TSX632 Datasheet HTML 13Page - STMicroelectronics TSX632 Datasheet HTML 14Page - STMicroelectronics TSX632 Datasheet HTML 15Page - STMicroelectronics TSX632 Datasheet HTML 16Page - STMicroelectronics TSX632 Datasheet HTML 17Page - STMicroelectronics TSX632 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Electrical characteristics
TSX63x, TSX63xA
14/31
DocID024293 Rev 1
Figure 8. Output current vs. output voltage at
VCC = 3.3 V
Figure 9. Output current vs. output voltage at
VCC = 16 V
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
2.0
2.0
2.5
2.5
3.0
3.0
-10.0
-10.0
-7.5
-7.5
-5.0
-5.0
-2.5
-2.5
0.0
0.0
2.5
2.5
5.0
5.0
7.5
7.5
10.0
10.0
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
Vcc=3.3V
Output Voltage (V)
0.0
0.0
2.0
2.0
4.0
4.0
6.0
6.0
8.0
8.0
10.0
10.0 12.0
12.0 14.0
14.0 16.0
16.0
-125
-100
-100
-75
-50
-50
-25
00
25
50
50
75
100
100
125
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
Vcc=16V
Output Voltage (V)
Figure 10. Output low-rail linearity
performance (RL≥ 2 kΩ)
Figure 11. Output high-rail linearity
performance (RL≥ 2kΩ)
0.00
0.05
0.10
0.15
0.20
0.00
0.05
0.10
0.15
0.20
Follower configuration
T=25°C
From Vcc=3.3V to Vcc=16V
Vin (V)
0.00
0.05
0.10
0.15
0.20
0.00
0.05
0.10
0.15
0.20
Follower configuration
T=25°C
From Vcc=3.3V to Vcc=16V
Vcc - Vin (V)
Figure 12. Bode diagram at VCC = 3.3 V,
RL= 10 kΩ
Figure 13. Bode diagram at VCC = 3.3 V,
RL= 100 kΩ
1k
10k
100k
1M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=3.3V
Vicm=1.65V
Rl=10kΩ
Cl=100pF
Gain=-100
T=125°C
T=-40°C
T=25°C
1k
10k
100k
1M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=3.3V
Vicm=1.65V
Rl=100kΩ
Cl=100pF
Gain=-100
T=125°C
T=-40°C
T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com