Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX632 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSX632
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX632 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSX632 Datasheet HTML 7Page - STMicroelectronics TSX632 Datasheet HTML 8Page - STMicroelectronics TSX632 Datasheet HTML 9Page - STMicroelectronics TSX632 Datasheet HTML 10Page - STMicroelectronics TSX632 Datasheet HTML 11Page - STMicroelectronics TSX632 Datasheet HTML 12Page - STMicroelectronics TSX632 Datasheet HTML 13Page - STMicroelectronics TSX632 Datasheet HTML 14Page - STMicroelectronics TSX632 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
DocID024293 Rev 1
11/31
TSX63x, TSX63xA
Electrical characteristics
Table 7. Electrical characteristics at VCC+ = +16 V with VCC- = 0 V, Vicm = VCC/2, T = 25 ° C, and
RL=10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSX63xA, T = 25 °C
700
μV
TSX63xA, -40°C < T < 125 °C
1500
T = 25 °C
1.6
mV
-40°C < T < 125 °C
2.4
Vio
Offset voltage, high common-
mode (Vicm=VCC, RL > 1 MΩ)
T = 25°C
4
-40°C < T < 125 °C
5
ΔVio/ΔT Input offset voltage drift
-40°C < T < 125 °C(1)
18
μV/°C
ΔVio
Long term input offset voltage
drift
T = 25 °C(2)
3.4
Iio
Input offset current
(Vout = VCC/2)
T = 25 °C
1
100(3)
pA
-40°C < T < 125 °C
200(3)
Iib
Input bias current
(Vout = VCC/2)
T = 25 °C
1
100(3)
-40°C < T < 125 °C
200(3)
RIN
Input resistance
1
T
Ω
CIN
Input capacitance
5
pF
CMR1
Common mode rejection ratio
CMR = 20 log (
ΔVicm/ΔVio)
(Vicm = -0.1 V to VCC-1.65 V,
Vout = VCC/2, RL > 1 MΩ)
T = 25 °C
71
85
dB
-40°C < T < 125 °C
68
CMR2
Common mode rejection ratio
CMR = 20 log (
ΔVicm/ΔVio)
(Vicm = -0.1 V to VCC+0.1 V,
Vout = VCC/2, RL > 1 MΩ)
T = 25 °C
69
83
-40°C < T < 125 °C
66
SVR
Common mode rejection ratio
20 log (
ΔVCC/ΔVio)
(VCC =3.3 V to 16 V,
Vout = Vicm VCC/2)
T = 25 °C
73
87
-40°C < T < 125 °C
70
Avd
Large signal voltage gain
(Vout = 0.5 V to (VCC - 0.5 V),
RL > 1 MΩ)
T = 25 °C
100
110
-40°C < T < 125 °C
90
VOH
High level output voltage
Vid = +1 V, VOH = VCC-Vout
RL = 10 kΩ, T = 25 °C
70
mV
RL = 10 kΩ, -40°C < T < 125 °C
100
VOL
Low level output voltage
Vid = -1 V,
RL = 10 kΩ, T = 25 °C
70
RL = 10 kΩ, -40°C < T < 125 °C
100
μV
month
---------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com