Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1015MB Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF1015MB
Description  MICROWAVE POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1015MB Datasheet(HTML) 4 Page - Motorola, Inc

  MRF1015MB Datasheet HTML 1Page - Motorola, Inc MRF1015MB Datasheet HTML 2Page - Motorola, Inc MRF1015MB Datasheet HTML 3Page - Motorola, Inc MRF1015MB Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MRF1015MA MRF1015MB
4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 332–04
ISSUE D
MRF1015MA
NOTES:
1. DIMENSION K APPLIES TWO PLACES.
2. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1973.
STYLE 1:
PIN 1. BASE
2. EMITTER
3. BASE
4. COLLECTOR
SEATING
PLANE
–T–
K
M
L
D
A
4
1
3
2
8–32 UNC 2A
F
H
E
U
C
N
–B–
J
M
0.76 (0.030)
B M
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
6.86
7.62
0.270
0.300
B
6.10
6.60
0.240
0.260
C
16.26
16.76
0.640
0.660
D
4.95
5.21
0.195
0.205
E
1.40
1.65
0.055
0.065
F
2.67
4.32
0.105
0.170
H
1.40
1.65
0.055
0.065
J
0.08
0.18
0.003
0.007
K
15.24
–––
0.600
–––
L
2.41
2.67
0.095
0.105
M
45 NOM
45 NOM
N
4.97
6.22
0.180
0.245
U
2.92
3.68
0.115
0.145
_
_
CASE 332A–03
ISSUE D
MRF1015MB
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. BASE
2. EMITTER
3. BASE
4. COLLECTOR
K
F
D
SEATING
1
4
3
2
PLANE
H
A
J
C
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.270
0.290
6.86
7.36
C
0.115
0.135
2.93
3.42
D
0.195
0.205
4.96
5.20
F
0.095
0.105
2.42
2.66
H
0.050
0.070
1.27
1.77
J
0.003
0.007
0.08
0.17
K
0.600
–––
15.24
–––
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MRF1015MA/D
*MRF1015MA/D*
◊



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com