Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1015MB Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF1015MB
Description  MICROWAVE POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1015MB Datasheet(HTML) 2 Page - Motorola, Inc

  MRF1015MB Datasheet HTML 1Page - Motorola, Inc MRF1015MB Datasheet HTML 2Page - Motorola, Inc MRF1015MB Datasheet HTML 3Page - Motorola, Inc MRF1015MB Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF1015MA MRF1015MB
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 50 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
5.0
7.5
pF
FUNCTIONAL TESTS (Pulse Width = 10
µs, Duty Cycle = 1.0%)
Common–Base Amplifier Power Gain
(VCC = 50 Vdc, Pout = 15 W Peak, f = 1090 MHz)
GPB
10
12.5
—
dB
Collector Efficiency
(VCC = 50 Vdc, Pout = 15 W Peak, f = 1090 MHz)
η
30
35
—
%
Load Mismatch
(VCC = 50 Vdc, Pout = 15 W Peak, f = 1090 MHz,
VSWR = 10:1 All Phase Angles)
ψ
No Degradation in Power Output
Figure 1. 1090 MHz Test Circuit
C1, C2 — 220 pF 100 mil Chip Capacitor
C3 — 0.1
µF
C4 — 47
µF/75 V Electrolytic Capacitor
L1, L2 — 3 Turns #18 AWG, 1/8
″ ID
Z1–Z8 — Microstrip, See Photomaster
Board Material — 0.032
″ Glass Teflon
Board Material —
εr = 2.5
RF
INPUT
RF
OUTPUT
+
50 Vdc
DUT
Z1
–
L2
Z2
C2
+
C3
C4
L1
Z3
Z4
Z5
Z6
Z7
C1
Z8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com