Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF1015MB Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF1015MB
Description  MICROWAVE POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1015MB Datasheet(HTML) 3 Page - Motorola, Inc

  MRF1015MB Datasheet HTML 1Page - Motorola, Inc MRF1015MB Datasheet HTML 2Page - Motorola, Inc MRF1015MB Datasheet HTML 3Page - Motorola, Inc MRF1015MB Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRF1015MA MRF1015MB
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
Figure 6. Series Equivalent Input/Output Impedances
f
MHz
Zin
Ohms
ZOL*
Ohms
960
1090
1215
5.9 + j13.6
5.5 + j11.5
4.0 + j12.5
12.5 – j15
12.4 – j12.8
12.1 – j10
Pout = 15 W pk VCC = 50 V
tp = 10 µs D = 1%
ZOL* = Conjugate of the optimum load
ZOL* = impedance into which the device
ZOL* = output operates at a given output
ZOL* = power, voltage, and frequency.
Pin, INPUT POWER (WATTS pk)
18
f = 960 MHz
1090 MHz
VCC = 50 V
tP = 10 µs
D = 1%
0
15
12
9
6
3
0.3
0.6
0.9
1.2
1.5
1215 MHz
960
f, FREQUENCY (MHz)
1090
1215
Pin = 1.2 W pk
1 W pk
VCC = 50 V
tP = 10 µs
D = 1%
0.85 W pk
0.6 W pk
18
15
12
9
6
3
0.75 W pk
VCC, SUPPLY VOLTAGE (VOLTS)
18
0
15
12
9
6
3
5
tP = 10 µs
D = 1%
f = 1090 MHz
10
15
20
25
30
35
40
45
50
Pin = 1.2 W pk
0.85 W pk
0.75 W pk
0.6 W pk
960
15
f, FREQUENCY (MHz)
1215
14
12
11
10
13
1090
Pout = 15 W pk
VCC = 50 V
tP = 10 µs
D = 1%
Zin
f = 960 MHz
1215
ZOL*
1090
0
5.0
10
20
15
– j5.0
– j10
– j15
f = 960 MHz
1215
1090
+ j5.0
+ j10
+ j15
Coordinates in Ohms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com