Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5665BCPZ-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5665BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665BCPZ-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5665BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Data Sheet
Rev. C | Page 28 of 36
BROADCAST MODE
Broadcast addressing is supported on the AD56x5R/AD56x5
in write mode only. Broadcast addressing can be used to synchro-
nously update or power down multiple AD56x5R/AD56x5
devices. When the broadcast address is used, the AD56x5R/
AD56x5 respond regardless of the states of the address pins.
The AD56x5R/AD56x5 broadcast address is 00010000.
Table 11. Command Definition
C2
C1
C0
Command
0
0
0
Write to input Register n
0
0
1
Update DAC Register n
0
1
0
Write to input Register n, update all
(software LDAC)
0
1
1
Write to and update DAC Channel n
1
0
0
Power up/power down
1
0
1
Reset
1
1
0
LDAC register setup
1
1
1
Internal reference setup (on/off )
Table 12. DAC Address Command
A2
A1
A0
ADDRESS (n)
0
0
0
DAC A
0
0
1
DAC B
0
1
0
DAC C
0
1
1
DAC D
1
1
1
All DACs
LDAC FUNCTION
The AD56x5R/AD56x5 DACs have double-buffered interfaces
consisting of two banks of registers: input registers and DAC
registers. The input registers are connected directly to the input
shift register, and the digital code is transferred to the relevant
input register upon completion of a valid write sequence. The
DAC registers contain the digital code used by the resistor strings.
Access to the DAC registers is controlled by the LDAC pin.
When the LDAC pin is high, the DAC registers are latched
and the input registers can change state without affecting the
contents of the DAC registers. When LDAC is brought low,
however, the DAC registers become transparent and the contents of
the input registers are transferred to them. The double-buffered
interface is useful if the user requires simultaneous updating of
all DAC outputs. The user can write to one of the input registers
individually and then, by bringing LDAC low when writing to
the other DAC input register, all outputs update simultaneously.
These parts each contain an extra feature whereby a DAC register
is not updated unless its input register has been updated since
the last time LDAC was brought low. Normally, when LDAC is
brought low, the DAC registers are filled with the contents of the
input registers. In the case of the AD56x5R/AD56x5, the DAC
register updates only if the input register has changed since the
last time the DAC register was updated, thereby removing
unnecessary digital crosstalk.
The outputs of all DACs can be simultaneously updated, using
the hardware LDAC pin.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com