Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5665BCPZ-R2 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5665BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665BCPZ-R2 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5665BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 30Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Data Sheet
Rev. C | Page 32 of 36
APPLICATIONS INFORMATION
USING A REFERENCE AS A POWER SUPPLY FOR
THE AD56x5R/AD56x5
Because the supply current required by the AD56x5R/AD56x5 is
extremely low, an alternative option is to use a voltage reference
to supply the required voltage to the part (see Figure 73). This is
especially useful if the power supply is noisy or if the system
supply voltages are at some value other than 5 V or 3 V, for
example, 15 V. The voltage reference outputs a steady supply
voltage for the AD56x5R/AD56x5. If the low dropout REF195 is
used, it must supply 450 µA of current to the AD56x5R/AD56x5
with no load on the output of the DAC. When the DAC output
is loaded, the REF195 also must supply the current to the load.
The total current required (with a 5 kΩ load on the DAC
output) is
1 mA + (5 V/5 kΩ) = 2 mA
The load regulation of the REF195 is typically 2 ppm/mA,
resulting in a 4 ppm (20 µV) error for the 2 mA current drawn
from it. This corresponds to a 0.263 LSB error.
Figure 73. REF195 as Power Supply to the AD56x5R/AD56x5
BIPOLAR OPERATION USING THE
AD56x5R/AD56x5
The AD56x5R/AD56x5 have been designed for single-supply
operation, but a bipolar output range is also possible using the
circuit shown in Figure 74. The circuit gives an output voltage
range of ±5 V. Rail-to-rail operation at the amplifier output is
achievable using an AD820 or an OP295 as the output amplifier.
The output voltage for any input code can be calculated as follows:
×
−
+
×
×
=
R1
R2
V
R1
R2
R1
D
V
V
DD
DD
O
536
,
65
where D represents the input code in decimal (0 to 65,535).
If VDD = 5 V, R1 = R2 = 10 kΩ,
V
5
536
,
65
10
−
×
=
D
VO
This is an output voltage range of ±5 V, with 0x0000 corre-
sponding to a −5 V output and 0xFFFF corresponding to a
+5 V output.
Figure 74. Bipolar Operation with the AD56x5R/AD56x5
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit, it is helpful to carefully
consider the power supply and ground return layout on the board.
The printed circuit board containing the AD56x5R/AD56x5
should have separate analog and digital sections, each having its
own area of the board. If the AD56x5R/AD56x5 are in a system
where other devices require an AGND-to-DGND connection,
the connection should be made at one point only. This ground
point should be as close as possible to the AD56x5R/AD56x5.
The power supply to the AD56x5R/AD56x5 should be bypassed
with 10 µF and 0.1 µF capacitors. The capacitors should be
located as close as possible to the device, with the 0.1 µF capaci-
tor ideally right up against the device. The 10 µF capacitor is
the tantalum bead type. It is important that the 0.1 µF capacitor
have low effective series resistance (ESR) and low effective
series inductance (ESI), for example, common ceramic types of
capacitors. This 0.1 µF capacitor provides a low impedance path
to ground for high frequencies caused by transient currents due
to internal logic switching.
The power supply line itself should have as large a trace as
possible to provide a low impedance path and to reduce glitch
effects on the supply line. Clocks and other fast switching
digital signals should be shielded from other parts of the board
by digital ground. Avoid crossover of digital and analog signals
if possible. When traces cross on opposite sides of the board,
ensure that they run at right angles to each other to reduce
feedthrough effects through the board. The best board layout
technique is the microstrip technique where the component
side of the board is dedicated to the ground plane only, and the
signal traces are placed on the solder side. However, this is not
always possible with a 2-layer board.
2-WIRE
SERIAL
INTERFACE
SCL
SDA
5V
VOUT = 0V TO 5V
VDD
GND
15V
REF195
AD5625R/
AD5645R/
AD5665R/
AD5625/
AD5665
2-WIRE
SERIAL
INTERFACE
R2 = 10kΩ
+5V
–5V
AD820/
OP295
AD5625R/
AD5645R/
AD5665R/
AD5625/
AD5665
VDD
VOUT
R1 = 10kΩ
±5V
VO
0.1µF
10µF
+5V
SDA
SCL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com