Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5665BCPZ-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5665BCPZ-R2
Description  Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5665BCPZ-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5665BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 24Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 25Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 26Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 27Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 28Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 29Page - Analog Devices AD5665BCPZ-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD5625R/AD5645R/AD5665R, AD5625/AD5665
Data Sheet
Rev. C | Page 26 of 36
Figure 61. I2C Read Operation (14-Lead Package)
Figure 62. Placing the AD56x5RBRUZ-2/AD56x5RBRUZ-2REEL7 in High Speed Mode
HIGH SPEED MODE
Some models offer high speed serial communication with a
clock frequency of 3.4 MHz. See the Ordering Guide for a full
list of models.
High speed mode communication commences after the master
addresses all devices connected to the bus with the Master Code
00001XXX to indicate that a high speed mode transfer is to
begin. No device connected to the bus is permitted to acknowl-
edge the high speed master code; therefore, the code is followed
by a no acknowledge. Next, the master must issue a repeated
start followed by the device address. The selected device then
acknowledges its address. All devices continue to operate in
high speed mode until the master issues a stop condition. When
the stop condition is issued, the devices return to standard/fast
mode. The part also returns to standard/fast mode when CLR is
activated while the part is in high speed mode.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide. Data is loaded into the
device as a 24-bit word under the control of a serial clock
input, SCL. The timing diagram for this operation is shown in
Figure 3. The eight MSBs make up the command byte. DB23
is reserved and should always be set to 0 when writing to the
device. DB22 (S) is used to select multiple byte operation.
The next three bits are the command bits (C2, C1, and C0)
that control the mode of operation of the device. See Table 11
for details. The last three bits of the first byte are the address bits
(A2, A1, and A0). See Table 12 for details. The rest of the bits
are the 16-/14-/12-bit data-word. The data-word comprises the
16-/14-/12-bit input code followed by two or four don’t care bits
for the AD5645R and the AD5625R/AD5625, respectively (see
Figure 65 through Figure 67).
MULTIPLE BYTE OPERATION
Multiple byte operation is supported on the AD56x5R/AD56x5.
A 2-byte operation is useful for applications that require fast
DAC updating and do not need to change the command byte.
The S bit (DB22) in the command register can be set to 1 for
2-byte mode of operation (see Figure 64). For standard 3-byte
and 4-byte operation, the S bit (DB22) in the command byte
should be set to 0 (see Figure 63).
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
19
9
1
SCL
START BY
MASTER
ACK. BY
AD56x5
ACK. BY
MASTER
SDA
R/W
DB23
A0
A1
A2
1
0
0
A3
DB22 DB21 DB20 DB19 DB18 DB17 DB16
19
9
1
ACK. BY
MASTER
NO ACK.
FRAME 4
LEAST SIGNIFICANT
DATA BYTE
FRAME 3
MOST SIGNIFICANT
DATA BYTE
STOP BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
SCL
0000
1
X
X
X
0
0
1
A3
A2
A1
A0
R/W
SDA
19
19
NO ACK.
SR
START BY
MASTER
ACK. BY
AD56x5
HS-MODE
MASTER CODE
SERIAL BUS
ADDRESS BYTE
FAST MODE
HIGH-SPEED MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com