Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7887ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD7887ARM
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7887ARM Datasheet HTML 11Page - Analog Devices AD7887ARM Datasheet HTML 12Page - Analog Devices AD7887ARM Datasheet HTML 13Page - Analog Devices AD7887ARM Datasheet HTML 14Page - Analog Devices AD7887ARM Datasheet HTML 15Page - Analog Devices AD7887ARM Datasheet HTML 16Page - Analog Devices AD7887ARM Datasheet HTML 17Page - Analog Devices AD7887ARM Datasheet HTML 18Page - Analog Devices AD7887ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7887
Rev. D | Page 15 of 24
SCLK
CS
DOUT
DIN
1
16
CONTROL REGISTER DATA IS LOADED ON THE FIRST EIGHT CLOCKS.
PM1 AND PM0 = 0 TO KEEP THE PART IN THIS MODE
FOUR LEADING ZEROS + CONVERSION RESULT
DATA IN
THE PART POWERS UP ON CS
FALLING EDGE AS PM1 AND PM0 = 0
THE PART POWERS DOWN ON CS
RISING EDGE AS PM1 AND PM0 = 0
Figure 16. Mode 1 Operation
SCLK
CS
DOUT
DIN
THE PART REMAINS POWERED UP
AT ALL TIMES AS
PM1 = 0 AND PM0 = 1
1
16
CONTROL REGISTER DATA IS LOADED ON THE FIRST EIGHT CLOCKS.
PM1 = 0 AND PM0 = 1 TO KEEP THE PART IN THIS MODE
FOUR LEADING ZEROS + CONVERSION RESULT
DATA IN
Figure 17. Mode 2 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com