Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7887ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD7887ARM
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARM Datasheet(HTML) 1 Page - Analog Devices

  AD7887ARM Datasheet HTML 1Page - Analog Devices AD7887ARM Datasheet HTML 2Page - Analog Devices AD7887ARM Datasheet HTML 3Page - Analog Devices AD7887ARM Datasheet HTML 4Page - Analog Devices AD7887ARM Datasheet HTML 5Page - Analog Devices AD7887ARM Datasheet HTML 6Page - Analog Devices AD7887ARM Datasheet HTML 7Page - Analog Devices AD7887ARM Datasheet HTML 8Page - Analog Devices AD7887ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.25 V, Micropower, 2-Channel,
125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Specified for VDD of 2.7 V to 5.25 V
Flexible power/throughput rate management
Shutdown mode: 1 μA max
One or two single-ended inputs
Serial interface: SPI®/QSPI™/MICROWIRE™/DSP compatible
8-lead narrow SOIC and MSOP packages
APPLICATIONS
Battery-powered systems (personal digital assistants,
medical instruments, mobile communications)
Instrumentation and control systems
High speed modems
FUNCTIONAL BLOCK DIAGRAM
SAR + ADC
CONTROL LOGIC
GND
AIN0
SCLK
DOUT
DIN
VDD
AD7887
CS
T/H
I/P
MUX
BUF
CHARGE
REDISTRIBUTION
DAC
COMP
AIN1/
VREF
AIN1/VREF
SOFTWARE
CONTROL
LATCH
2.5V
REF
SPORT
Figure 1.
GENERAL DESCRIPTION
The AD7887 is a high speed, low power, 12-bit analog-to-digital
converter (ADC) that operates from a single 2.7 V to 5.25 V
power supply. The AD7887 is capable of 125 kSPS throughput
rate. The input track-and-hold acquires a signal in 500 ns and
features a single-ended sampling scheme. The output coding for
the AD7887 is straight binary, and the part is capable of
converting full power signals of up to 2.5 MHz.
The AD7887 can be configured for either dual- or single-channel
operation via the on-chip control register. There is a default
single-channel mode that allows the AD7887 to be operated as a
read-only ADC. In single-channel operation, there is one
analog input (AIN0) and the AIN1/VREF pin assumes its VREF
function. This VREF pin allows the user access to the part’s
internal 2.5 V reference, or the VREF pin can be overdriven by an
external reference to provide the reference voltage for the part.
This external reference voltage has a range of 2.5 V to VDD. The
analog input range on AIN0 is 0 to VREF.
In dual-channel operation, the AIN1/VREF pin assumes its AIN1
function, providing a second analog input channel. In this case,
the reference voltage for the part is provided via the VDD pin. As
a result, the input voltage range on both the AIN0 and AIN1
inputs is 0 to VDD.
CMOS construction ensures low power dissipation of typically
2 mW for normal operation and 3 μW in power-down mode.
The part is available in an 8-lead, 0.15-inch-wide narrow body
SOIC and an 8-lead MSOP package.
PRODUCT HIGHLIGHTS
1.
Smallest 12-bit dual-/single-channel ADC; 8-lead MSOP
package.
2.
Lowest power 12-bit dual-/single-channel ADC.
3.
Flexible power management options, including automatic
power-down after conversion.
4.
Read-only ADC capability.
5.
Analog input range from 0 V to VREF.
6.
Versatile serial input/output port (SPI/QSPI/MICROWIRE/
DSP compatible).


Similar Part No. - AD7887ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887ARM AD-AD7887ARM Datasheet
133Kb / 16P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV.B
AD7887ARM AD-AD7887ARM Datasheet
465Kb / 25P
Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
9/14-Rev. D to Rev. E
AD7887ARM-REEL7 AD-AD7887ARM-REEL7 Datasheet
465Kb / 25P
Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
9/14-Rev. D to Rev. E
AD7887ARMZ AD-AD7887ARMZ Datasheet
465Kb / 25P
Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
9/14-Rev. D to Rev. E
AD7887ARMZ-REEL AD-AD7887ARMZ-REEL Datasheet
465Kb / 25P
Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
9/14-Rev. D to Rev. E
More results

Similar Description - AD7887ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887 AD-AD7887 Datasheet
133Kb / 16P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV.B
AD7888 AD-AD7888 Datasheet
175Kb / 16P
2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
6/01-REV.B
AD7911 AD-AD7911 Datasheet
312Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
9/14-Rev. D to Rev. E
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
23-Feb-2017
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com