Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7887ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD7887ARM
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7887ARM Datasheet HTML 14Page - Analog Devices AD7887ARM Datasheet HTML 15Page - Analog Devices AD7887ARM Datasheet HTML 16Page - Analog Devices AD7887ARM Datasheet HTML 17Page - Analog Devices AD7887ARM Datasheet HTML 18Page - Analog Devices AD7887ARM Datasheet HTML 19Page - Analog Devices AD7887ARM Datasheet HTML 20Page - Analog Devices AD7887ARM Datasheet HTML 21Page - Analog Devices AD7887ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7887
Rev. D | Page 18 of 24
MICROPROCESSOR INTERFACING
The serial interface on the AD7887 allows the part to be directly
connected to a range of many different microprocessors. This
section explains how to interface the AD7887 with some of the
more common microcontroller and DSP serial interface
protocols.
AD7887 to TMS320C5x
The serial interface on the TMS320C5x uses a continuous serial
clock and frame synchronization signals to synchronize the data
transfer operations with peripheral devices like the AD7887.
The CS input allows easy interfacing with an inverter between
the serial clock of the TMS320C5x and the AD7887 being the
only glue logic required. The serial port of the TMS320C5x is
set up to operate in burst mode with internal CLKX (Tx serial
clock) and FSX (Tx frame sync). The serial port control register
(SPC) must have the following setup: FO = 0, FSM = 1,
MCM = 1, and TXM = 1. The connection diagram is shown in
.
Figure 22
AD78871
DOUT
DIN
SCLK
CS
TMS320C5x1
1ADDITIONAL PINS OMITTED FOR CLARITY.
CLKX
CLKR
DR
DT
FSX
FSR
Figure 22. Interfacing to the TMS320C5x
AD7887 to ADSP-21xx
The ADSP-21xx family of DSPs are easily interfaced to the
AD7887 with an inverter between the serial clock of the ADSP-
21xx and the AD7887. This is the only glue logic required. The
SPORT control register should be set up as follows:
Table 7. SPORT0 Control Register Setup
Setting
Description
TFSW = RFSW = 1
Alternative framing
INVRFS = INVTFS = 1
Active low frame signal
DTYPE = 00
Right justify data
SLEN = 1111
16-bit data-word
ISCLK = 1
Internal serial clock
TFSR = RFSR = 1
Frame every word
IRFS = 0
ITFS = 1
The connection diagram is shown in Figure 23. The ADSP-21xx
has the TFS and RFS of the SPORT tied together, with TFS set
as an output and RFS set as an input. The DSP operates in
alternate framing mode, and the SPORT control register is set
up as described in Table 7. The frame synchronization signal
generated on the TFS is tied to CS and, as with all signal
processing applications, equidistant sampling is necessary. In
this example however, the timer interrupt is used to control the
sampling rate of the ADC and, under certain conditions,
equidistant sampling cannot be achieved.
The timer registers are loaded with a value that will provide an
interrupt at the required sample interval. When an interrupt is
received, a value is transmitted with TFS/DT (ADC control
word). The TFS is used to control the RFS and hence the
reading of data. The frequency of the serial clock is set in the
SCLKDIV register. When the instruction to transmit with TFS
is given (that is, AX0 = TX0), the state of the SCLK is checked.
The DSP waits until the SCLK has gone high, low, and high
again before a transmission starts. If the timer and SCLK values
are chosen such that the instruction to transmit occurs on or
near the rising edge of SCLK, the data may be transmitted or it
may wait until the next clock edge.
For example, the ADSP-2111 has a master clock frequency of
16 MHz. If the SCLKDIV register is loaded with the value 3, a
SCLK of 2 MHz is obtained and eight master clock periods will
elapse for every one SCLK period. If the timer registers are
loaded with the value 803, 100.5 SCLKs will occur between
interrupts and subsequently between transmit instructions. This
situation results in nonequidistant sampling because the
transmit instruction is occurring on an SCLK edge. If the
number of SCLKs between interrupts is a whole integer number
of N, equidistant sampling will be implemented by the DSP.
AD78871
DOUT
DIN
SCLK
CS
1ADDITIONAL PINS OMITTED FOR CLARITY.
SCLK
DR
DT
RFS
TFS
ADSP-21xx1
Figure 23. Interfacing to the ADSP-21xx
AD7887 to DSP56xxx
The connection diagram in Figure 24 shows how the AD7887
can be connected to the SSI (synchronous serial interface) of
the DSP56xxx family of DSPs from Motorola. The SSI is
operated in synchronous mode (SYN bit in CRB = 1) with an
internally generated 1-bit clock period frame sync for both Tx
and Rx (Bits FSL1 = 1 and FSL0 = 0 in CRB). Set the word
length to 16 by setting bits WL1 = 1 and WL0 = 0 in CRA. An
inverter is also necessary between the SCLK from the DSP56xxx
and the SCLK pin of the AD7887, as shown in Figure 24.
DOUT
DIN
SCLK
CS
1ADDITIONAL PINS OMITTED FOR CLARITY.
DSP56xxx1
AD78871
SCK
SRD
STD
SC2
Figure 24. Interfacing to the DSP56xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com