Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8206WYRZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8206WYRZ-R7
Description  High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206WYRZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8206WYRZ-R7 Datasheet HTML 1Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 2Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 3Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8206
Rev. B | Page 3 of 16
SPECIFICATIONS
TA = operating temperature range, VS = 5 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
AD8206 SOIC
Unit
Min
Typ
Max
GAIN
Initial
20
V/V
Accuracy
VO ≥ 0.1 V dc, 25°C
±1
%
Accuracy Over Temperature
Specified temperature range
±1.2
%
Gain vs. Temperature
30
ppm/°C
VOLTAGE OFFSET
Offset Voltage (RTI)
25°C
±2
mV
Over Temperature (RTI)
Specified temperature range
±4.5
mV
Offset Drift
15
µV/°C
INPUT
Input Impedance
Differential
400
kΩ
Common Mode
200
kΩ
Input Voltage Range
Common mode, continuous
−2
+65
V
Differential1
250
mV
Common-Mode Rejection
25°C, f = dc to 20 kHz2
76
86
dB
Operating temperature range,
f = dc to 20 kHz2
76
80
dB
OUTPUT
Output Voltage Range
AD8206YRZ, RL = 25 kΩ
0.08
4.7
V
AD8206WYRZ, RL = 25 kΩ
0.08
4.7
V
AD8206WHRZ, RL = 25 kΩ
0.08
4.65
V
Output Resistance
2
Ω
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
100
kHz
Slew Rate
0.5
V/µs
NOISE
0.1 Hz to 10 Hz, RTI
20
µV p-p
Spectral Density, 1 kHz, RTI
0.5
µV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accuracy3
Divider to supplies
0.497
0.503
V/V
Accuracy, RTO
Voltage applied to VREF1 and VREF2 in parallel
±2
mV/V
Output Offset Adjustment Range
AD8206YRZ, VS = 5 V
0.08
4.7
V
AD8206WYRZ, VS = 5 V
0.08
4.7
V
AD8206WHRZ, VS = 5 V
0.08
4.65
V
VREF Input Voltage Range
0.0
VS
V
VREF Divider Resistor Values
24
32
40
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com