Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8206WYRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8206WYRZ-R7
Description  High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206WYRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8206WYRZ-R7 Datasheet HTML 1Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 2Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 3Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8206
Data Sheet
Rev. B | Page 4 of 16
Parameter
Test Conditions/Comments
AD8206 SOIC
Unit
Min
Typ
Max
POWER SUPPLY
Operating Range
4.5
5.5
V
Quiescent Current Over Temperature
AD8206YRZ, VO = 0.1 V dc
2
mA
AD8206WYRZ, VO = 0.1 V dc
2
mA
AD8206WHRZ, VO = 0.1 V dc
2.2
mA
Power Supply Rejection Ratio
70
dB
OPERATING TEMPERATURE RANGE
For Specified Performance
AD8206YRZ
−40
+125
°C
AD8206WYRZ
−40
+125
°C
AD8206WHRZ
−40
+150
°C
1
Input voltage range = ±125 mV with half-scale offset.
2
Source imbalance < 2 Ω.
3
The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com