Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8206WYRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8206WYRZ-R7
Description  High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8206WYRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8206WYRZ-R7 Datasheet HTML 1Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 2Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 3Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8206WYRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Common-Mode Voltage,
Bidirectional Current Shunt Amplifier
Data Sheet
AD8206
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ideal for current shunt applications
High common-mode voltage range
−2 V to +65 V operating
−25 V to +75 V survival
Gain = 20
Wide operating temperature range
−40°C to +125°C for Y grade and WY grade
−40°C to +150°C for WH grade
Bidirectional operation
Available in 8-lead SOIC
Qualified for automotive applications
EXCELLENT AC AND DC PERFORMANCE
15 µV/°C offset drift
30 ppm/°C gain drift
80 dB CMRR dc to 20 kHz
APPLICATIONS
High-side current sensing in
Motor controls
Transmission controls
Diesel-injection controls
Engine management
Suspension controls
Vehicle dynamic controls
DC-to-dc converters
FUNCTIONAL BLOCK DIAGRAM
AD8206
8
1
4
2
3
7
5
6
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
Figure 1.
GENERAL DESCRIPTION
The AD8206 is a single-supply difference amplifier for
amplifying small differential voltages in the presence of large
common-mode voltages. The operating input common-mode
voltage range extends from −2 V to +65 V. The typical single-
supply voltage is 5 V.
The AD8206 is offered in an 8-lead SOIC package. The Y grade
and WY grade models are rated for operation from −40°C to
+125°C. The WH grade is rated from −40°C to +150°C.
Excellent DC performance over temperature keeps errors in the
measurement loop to a minimum. Offset drift is typically less
than 15 µV/°C, and gain drift is typically below 30 ppm/°C.
The output offset can be adjusted from 0.08 V to 4.7 V with
a 5 V supply by using the VREF1 and VREF2 pins. With VREF1
attached to the V+ pin, and VREF2 attached to the GND pin,
the output is set at half scale. Attaching both pins to GND
causes the output to be unipolar, starting near ground.
Attaching both pins to V+ causes the output to be unipolar
starting near V+. Other offsets can be obtained by applying
an external voltage to the VREF1 and VREF2 pins.


Similar Part No. - AD8206WYRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8206 AD-AD8206 Datasheet
262Kb / 12P
Single-Supply 42 V System Difference Amplifier
6/04-Revision 0
AD8206 AD-AD8206 Datasheet
152Kb / 4P
Precision, Dual-Channel Difference Amplifier
AD8206 AD-AD8206 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8206 AD-AD8206 Datasheet
344Kb / 12P
Single-Supply, 42 V System Difference Amplifier
REV. 0
logo
Aavid, Thermal Division...
AD8206 AAVID-AD8206 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
More results

Similar Description - AD8206WYRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. 0
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. A
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8206 AD-AD8206_15 Datasheet
361Kb / 13P
High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. C
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. D
logo
Texas Instruments
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
Common-Mode Bidirectional Precision Current-Sensing Amplifier
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
Analog Devices
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
High Voltage, Bidirectional Current Shunt Monitor
4/07-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com