Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-1.2-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP170AUJZ-1.2-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.2-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP170AUJZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP170/ADP171
Rev. B | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADP170
TOP VIEW
(Not to Scale)
1
2
3
5
4
VIN
GND
EN
VOUT
NC
NC = NO CONNECT
ADP171
TOP VIEW
(Not to Scale)
Figure 3. ADP170 5-Lead TSOT
1
2
3
5
4
VIN
GND
EN
VOUT
ADJ
Figure 4. ADP171 5-Lead TSOT
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
ADP170
ADP171
1
1
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
2
2
GND
Ground.
3
3
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For
automatic startup, connect EN to VIN.
4
NC
No Connect. Not connected internally.
4
ADJ
Adjust. A resistor divider from VOUT to ADJ sets the output voltage.
5
5
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com