Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-1.2-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP170AUJZ-1.2-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.2-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP170AUJZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP170/ADP171
Rev. B | Page 9 of 20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–30
–40
–50
–60
–70
–80
–90
300mA
200mA
100mA
10mA
1mA
Figure 17. Power Supply Rejection Ratio vs. Frequency, VOUT = 3.0 V
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–30
–40
–50
–60
–70
–80
–90
3V, 1mA
1.8V, 1mA
0.8V, 1mA
3V, 300mA
1.8V, 300mA
0.8V, 300mA
Figure 18. Power Supply Rejection Ratio vs. Frequency, Various Output
Voltages and Load Currents
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
0.8V
VIN = 3.6V
ILOAD = 10mA
COUT = 1µF
1.8V
3.0V
Figure 19. Output Noise Spectrum
0
10
20
30
40
50
60
70
0.001
0.01
0.1
1
10
100
1000
LOAD CURRENT (mA)
3V
1.8V
0.8V
Figure 20. RMS Noise vs. Load Current and Output Voltage
CH1 200mA Ω
CH2 50.0mV
B
W M40.00µs A CH1
124mA
1
2
T
160.680µs
ILOAD
VOUT
VIN = 3.6V
VOUT = 1.8V
1mA TO 300mA LOAD STEP,
2.5A/µs
Figure 21. Load Transient Response, CIN and COUT = 1 μF
CH1 200mA Ω
CH2 50.0mV
B
W M40.0µs
A CH1
204mA
1
2
T
159.800µs
ILOAD
VOUT
VIN = 3.6V
VOUT = 1.8V
1mA TO 300mA LOAD STEP,
2.5A/µs
Figure 22. Load Transient Response, CIN and COUT = 4.7 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com