Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-1.2-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP170AUJZ-1.2-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.2-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP170AUJZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP170AUJZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
300 mA, Low Quiescent Current,
CMOS Linear Regulators
ADP170/ADP171
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum output current: 300 mA
Input voltage range: 1.6 V to 3.6 V
Low quiescent current
IGND = 23 μA with 0 mA load
IGND = 170 μA with 300 mA load
Low shutdown current: <1 μA
Low dropout voltage: 66 mV at 300 mA load
Output voltage accuracy: ±1%
Up to 31 fixed-output voltage options available from 0.8 V to
3.0 V
Adjustable-output voltage range
0.8 V to 3.0 V (ADP171)
Accuracy over line, load, and temperature: ±3%
Stable with small 1 μF ceramic output capacitor
PSRR performance of 70 dB at 10 kHz and 73 dB at 1 kHz
Low noise: 30 μV rms at VOUT = 0.8 V
Current limit and thermal overload protection
Logic-controlled enable
Compact 5-lead TSOT package
APPLICATIONS
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
DSP/FPGA/microprocessor supplies
Post dc-dc regulation
TYPICAL APPLICATION CIRCUITS
ADP170
1
2
3
5
4
VIN
VOUT
C1
C2
VIN
GND
EN
VOUT
NC
OFF
ON
Figure 1. ADP170 with Fixed Output Voltage, 1.8 V
ADP171
1
2
3
5
4
VIN = 2.3V
VOUT = 1.8V
CIN
1µF
COUT
1µF
VIN
GND
EN
VOUT
R1
R2
ADJ
OFF
ON
Figure 2. ADP171 with Adjustable Output Voltage
GENERAL DESCRIPTION
The ADP170/ADP171 are low voltage input, low quiescent
current, low-dropout (LDO) linear regulators that operate from
1.6 V to 3.6 V and provide up to 300 mA of output current. The
low 66 mV dropout voltage at 300 mA load improves efficiency
and allows operation over a wide input voltage range. The low
23 μA of quiescent current at a 0 mA load makes the ADP170/
ADP171 ideal for battery-operated portable equipment.
The ADP170 is capable of 31 fixed-output voltage options, ranging
from 0.8 V to 3.0 V. ADP171 is an adjustable version, which allows
output voltages that range from 0.8 V to 3.0 V via an external
divider. The ADP170/ADP171 are optimized for stable operation
with small 1 μF ceramic output capacitors. Ideal for powering
digital processors, the ADP170/ADP171 exhibit good transient
performance and occupy minimal board space. Compared with
commodity types of LDOs, the ADP170/ADP171 provide 20 dB
to 40 dB better power supply rejection ratio (PSRR) at 100 kHz,
making the ADP170/ADP171 an ideal power source for analog-
to-digital converter (ADC) mixed-signal processor systems and
allowing use of smaller size bypass capacitors. In addition, low
output noise performance without the need for an additional
bypass capacitor further reduces printed circuit board (PCB)
component count.
Short-circuit protection and thermal overload protection circuits
prevent damage in adverse conditions. The ADP170/ADP171
are available in tiny 5-lead TSOT for the smallest footprint
solution to meet a variety of portable power applications.


Similar Part No. - ADP170AUJZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP170-1.8-EVALZ APEX-ADP170-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706-33-EVALZ AD-ADP1706-33-EVALZ Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1706ACPZ-0.75R7 AD-ADP1706ACPZ-0.75R7 Datasheet
563Kb / 20P
1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP170AUJZ-1.2-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP122 AD-ADP122 Datasheet
616Kb / 20P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP124 AD-ADP124 Datasheet
676Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com