Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-1.8-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP170AUJZ-1.8-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.8-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP170AUJZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP170/ADP171
Rev. B | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 1.6 V (whichever is greater), EN = VIN, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
1.6
3.6
V
OPERATING SUPPLY CURRENT1
IGND
IOUT = 0 μA
23
μA
IOUT = 0 μA, TJ = −40°C to +125°C
60
μA
IOUT = 1 mA
50
μA
IOUT = 1 mA, TJ = −40°C to +125°C
100
μA
IOUT = 150 mA
130
μA
IOUT = 150 mA, TJ = −40°C to +125°C
210
μA
IOUT = 300 mA
170
μA
IOUT = 300 mA, TJ = −40°C to +125°C
260
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.1
μA
EN = GND, VIN = 3.6 V, TJ = −40°C to +85°C
2
μA
EN = GND, VIN = 3.6 V, TJ = 85°C to 125°C
25
μA
FIXED-OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 10 mA
−1
+1
%
1 mA < IOUT < 300 mA, VIN = (VOUT + 0.5 V) to 3.6 V
−2
+2
%
1 mA < IOUT < 300 mA, VIN = (VOUT + 0.5 V) to 3.6 V,
TJ = −40°C to +125°C
−3
+3
%
ADJUSTABLE-OUTPUT VOLTAGE
ACCURACY (ADP171)2
VADJ
IOUT = 10 mA
0.495
0.5
0.505
V
1 mA < IOUT < 300 mA, VIN = (VOUT + 0.5 V) to 3.6 V
0.490
0.510
V
1 mA < IOUT < 300 mA, VIN = (VOUT + 0.5 V) to 3.6 V,
TJ = −40°C to +125°C
0.485
0.515
V
ADJ INPUT BIAS CURRENT (ADP171)
ADJI-BIAS
1.6 V ≤ VIN ≤ 3.6 V, ADJ connected to VOUT
15
nA
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 0.5 V) to 3.6 V, TJ = −40°C to +125°C
−0.25
+0.25
%/V
LOAD REGULATION3
∆VOUT/∆IOUT
IOUT = 1 mA to 300 mA
0.001
%/mA
IOUT = 1 mA to 300 mA, TJ = −40°C to +125°C
0.007
%/mA
DROPOUT VOLTAGE4
VDROPOUT
IOUT = 10 mA, VOUT ≥ 1.8 V
2
mV
IOUT = 10 mA, VOUT ≥ 1.8 V, TJ = −40°C to +125°C
7
mV
IOUT = 150 mA, VOUT ≥ 1.8 V
33
mV
IOUT = 150 mA, VOUT ≥ 1.8 V, TJ = −40°C to +125°C
70
mV
IOUT = 300 mA, VOUT ≥ 1.8 V
66
mV
IOUT = 300 mA, VOUT ≥ 1.8 V, TJ = −40°C to +125°C
135
mV
START-UP TIME5
tSTART-UP
VOUT = 1.8 V
120
μs
CURRENT-LIMIT THRESHOLD6
ILIMIT
400
450
800
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
Logic High Voltage
VIH
1.6 V ≤ VIN ≤ 3.6 V
1.2
V
Logic Low Voltage
VIL
1.6 V ≤ VIN ≤ 3.6 V
0.4
V
Leakage Current Voltage
VI-LEAKAGE
EN = VIN or GND
0.1
μA
EN = VIN or GND, TJ = −40°C to +125°C
1
μA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
TJ = −40°C to +125°C
1.5
V
Input Voltage Falling
UVLOFALL
TJ = −40°C to +125°C
0.7
V
Hysteresis
UVLOHYS
80
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com