Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-1.8-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP170AUJZ-1.8-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.8-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP170AUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 17Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 18Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 19Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADP170/ADP171
Rev. B | Page 17 of 20
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
0.50
0.30
0.10 MAX
*1.00 MAX
*0.90 MAX
0.70 MIN
2.90 BSC
54
12
3
SEATING
PLANE
Figure 42. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions show in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2
Package Description
Package
Option
Branding
ADP170AUJZ-1.2-R7
–40°C to +125°C
1.2
5-Lead TSOT
UJ-5
L8E
ADP170AUJZ-1.5-R7
–40°C to +125°C
1.5
5-Lead TSOT
UJ-5
L8F
ADP170AUJZ-1.8-R7
–40°C to +125°C
1.8
5-Lead TSOT
UJ-5
L8G
ADP170AUJZ-2.5-R7
–40°C to +125°C
2.5
5-Lead TSOT
UJ-5
L8H
ADP170AUJZ-2.8-R7
–40°C to +125°C
2.8
5-Lead TSOT
UJ-5
L8P
ADP171AUJZ-R7
–40°C to +125°C
0.8 to 3.0 (Adjustable)
5-Lead TSOT
UJ-5
L9A
ADP170-1.8-EVALZ
Evaluation Board
ADP170-BL1-EVZ
Evaluation Board
ADP171-EVALZ
Evaluation Board
ADP171-BL1-EVZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 For additional voltage options, contact your local Analog Devices, Inc., sales or distribution representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com