Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP170AUJZ-1.8-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP170AUJZ-1.8-R7
Description  300 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP170AUJZ-1.8-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP170AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 13Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 14Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 15Page - Analog Devices ADP170AUJZ-1.8-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP170/ADP171
Rev. B | Page 12 of 20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP170/ADP171 are designed for operation with small,
space-saving ceramic capacitors but will function with most
commonly used capacitors as long as care is taken with regard
to the effective series resistance (ESR) value. The ESR of the
output capacitor affects the stability of the LDO control loop.
A minimum of 1 μF capacitance with an ESR of 1 Ω or less is
recommended to ensure stability of the ADP170/ADP171. The
transient response to changes in load current is also affected by
output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP170/ADP171 to
large changes in load current. Figure 27 and Figure 28 show the
transient responses for output capacitance values of 1 μF and
4.7 μF, respectively.
CH1 200mA Ω CH2 50.0mV
B
W
M200ns
A CH1
112mA
1
2
T
500.000ns
ILOAD
VOUT
VOUT = 1.8V
CIN = COUT = 1µF
1mA TO 300mA LOAD STEP,
2.5A/µs
Figure 27. Output Transient Response, COUT = 1 μF
CH1 200mA Ω CH2 50.0mV
B
W
M200ns
A CH1
108mA
1
2
T
500.000ns
ILOAD
VOUT
VOUT = 1.8V
CIN = COUT = 4.7µF
1mA TO 300mA LOAD STEP,
2.5A/µs
Figure 28. Output Transient Response, COUT = 4.7 μF
Input Bypass Capacitor
Connecting a 1 μF capacitor from VIN to GND reduces the
circuit sensitivity to the printed circuit board (PCB) layout,
especially when long input traces or high source impedance
are encountered. If greater than 1 μF of output capacitance is
required, the input capacitor should be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitor can be used with the
ADP170/ADP171, as long as it meets the minimum capacitance
and maximum ESR requirements. Ceramic capacitors are manu-
factured with a variety of dielectrics, each with different behavior
over temperature and applied voltage. Capacitors must have a
dielectric adequate to ensure the minimum capacitance over the
necessary temperature range and dc bias conditions. A X5R or X7R
dielectric with a voltage rating of 6.3 V or 10 V is recommended.
The Y5V and Z5U dielectrics are not recommended, due to their
poor temperature and dc bias characteristics.
Figure 29 depicts the capacitance vs. bias voltage characteristics
of a 0402, 1 μF, 10 V X5R capacitor. The variance of a capacitor
is strongly influenced by the capacitor size and voltage rating. In
general, a capacitor in a larger package or higher voltage rating
will exhibit less capacitance variance over bias voltage. The
temperature variation of the X5R dielectric is about ±15% over
the −40°C to +85°C temperature range and is not a function of
package or voltage rating.
1.2
1.0
0.8
0.6
0.4
0.2
0
02
46
8
BIAS VOLTAGE (V)
10
Figure 29. Capacitance vs. Bias Voltage Characteristics
Use Equation 1 to determine the worst-case capacitance
accounting for capacitor variation over temperature,
component tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com