Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP02FS Datasheet(PDF) 5 Page - Analog Devices

Part # AMP02FS
Description  High Accuracy Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FS Datasheet(HTML) 5 Page - Analog Devices

  AMP02FS Datasheet HTML 1Page - Analog Devices AMP02FS Datasheet HTML 2Page - Analog Devices AMP02FS Datasheet HTML 3Page - Analog Devices AMP02FS Datasheet HTML 4Page - Analog Devices AMP02FS Datasheet HTML 5Page - Analog Devices AMP02FS Datasheet HTML 6Page - Analog Devices AMP02FS Datasheet HTML 7Page - Analog Devices AMP02FS Datasheet HTML 8Page - Analog Devices AMP02FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. E
Typical Performance Characteristics–AMP02
–5–
INPUT OFFSET VOLTAGE –
V
1100
–100 –80 –60 –40 –30
0
20
40
60
80 100
1000
900
800
700
600
500
400
300
200
100
0
TA = 25 C
VS = 15V
3000 UNITS
FROM 3 RUNS
TPC 1. Typical Distribution of
Input Offset Voltage
OUTPUT OFFSET VOLTAGE – mV
1100
–5
–4
–3
–2
–1
012345
1000
900
800
700
600
500
400
300
200
100
0
TA = 25 C
VS = 15V
3000 UNITS
FROM 3 RUNS
TPC 4. Typical Distribution of
Output Offset Voltage
TEMPERATURE – C
3.0
–50
050
75
100
2.5
2.0
1.5
1.0
0.5
0
VS = 15V
VCM = 0V
–25
25
TPC 7. Input Offset Current
vs. Temperature
TCVIOS – V/ C
160
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
140
120
100
80
60
40
20
0
400 UNITS
FROM 3 RUNS
VS = 15V
TPC 2. Typical Distribution
of TCVIOS
TCVOOS – V/ C
200
0
20
40
60
80
100
120
140
160
175
150
125
100
75
50
25
0
400 UNITS
FROM 3 RUNS
VS = 15V
TPC 5. Typical Distribution
of TCVOOS
TEMPERATURE – C
32
–50
050
75
100
24
16
12
8
4
0
VS = 15V
VCM = 0V
–25
25
28
20
TPC 8. Input Bias Current
vs. Temperature
POWER SUPPLY VOLTAGE – V
20
0
5
10
15
20
15
10
5
0
–5
–10
TA = 25 C
TPC 3. Input Offset Voltage
Change vs. Supply Voltage
POWER SUPPLY VOLTAGE – V
1.5
0
5
10
15
20
1.0
0.5
0
–0.5
–1.0
–1.5
TA = 25 C
TPC 6. Output Offset Voltage
Change vs. Supply Voltage
POWER SUPPLY VOLTAGE – V
6
0
10
15
20
4
2
1
0
VS = 15V
VCM = 0V
5
5
3
TPC 9. Input Bias Current
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com