Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP02FS Datasheet(PDF) 10 Page - Analog Devices

Part # AMP02FS
Description  High Accuracy Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FS Datasheet(HTML) 10 Page - Analog Devices

Back Button AMP02FS Datasheet HTML 4Page - Analog Devices AMP02FS Datasheet HTML 5Page - Analog Devices AMP02FS Datasheet HTML 6Page - Analog Devices AMP02FS Datasheet HTML 7Page - Analog Devices AMP02FS Datasheet HTML 8Page - Analog Devices AMP02FS Datasheet HTML 9Page - Analog Devices AMP02FS Datasheet HTML 10Page - Analog Devices AMP02FS Datasheet HTML 11Page - Analog Devices AMP02FS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. E
–10–
AMP02
Overvoltage Protection
Instrumentation amplifiers invariably sit at the front end of
instrumentation systems where there is a high probability of
exposure to overloads. Voltage transients, failure of a transducer,
or removal of the amplifier power supply while the signal source is
connected may destroy or degrade the performance of an unpro-
tected device. A common technique is to place limiting resistors in
series with each input, but this adds noise. The AMP02 includes
internal protection circuitry that limits the input current to
±4 mA
for a 60 V differential overload (see Figure 5) with power off,
±2.5 mA with power on.
DIFFERENTIAL INPUT VOLTAGE
4
–100
3
1
–1
–3
–4
2
0
–2
–80
–60
–40
–20
0
20
40
60
80
100
POWER ON
POWER OFF
TA = 25 C
VS = 15V
Figure 5. AMP02’s Input Protection Circuitry Limits Input
Current During Overvoltage Conditions
Power Supply Considerations
Achieving the rated performance of precision amplifiers in a
practical circuit requires careful attention to external influences.
For example, supply noise and changes in the nominal voltage
directly affect the input offset voltage. A PSR of 80 dB means
that a change of 100 mV on the supply (not an uncommon
value) will produce a 10
µV input offset change. Consequently,
care should be taken in choosing a power unit that has a low
output noise level, good line and load regulation, and good
temperature stability. In addition, each power supply should be
properly bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com