Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP02FS Datasheet(PDF) 7 Page - Analog Devices

Part # AMP02FS
Description  High Accuracy Instrumentation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02FS Datasheet(HTML) 7 Page - Analog Devices

Back Button AMP02FS Datasheet HTML 3Page - Analog Devices AMP02FS Datasheet HTML 4Page - Analog Devices AMP02FS Datasheet HTML 5Page - Analog Devices AMP02FS Datasheet HTML 6Page - Analog Devices AMP02FS Datasheet HTML 7Page - Analog Devices AMP02FS Datasheet HTML 8Page - Analog Devices AMP02FS Datasheet HTML 9Page - Analog Devices AMP02FS Datasheet HTML 10Page - Analog Devices AMP02FS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. E
AMP02
–7–
FREQUENCY – Hz
30
100
10k
100k
1M
20
10
5
0
TA = 25 C
VS = 15V
RL = 1k
1k
25
15
TPC 19. Maximum Output Swing
vs. Frequency
SUPPLY VOLTAGE – V
0
20
1
TA = –25 C, +25 C, +85 C
10
3
4
5
6
7
8
15
5
TPC 22. Supply Current
vs. Supply Voltage
LOAD RESISTANCE –
16
10
1k
10k
100k
8
4
2
0
TA = 25 C
VS = 15V
100
12
6
14
10
TPC 20. Maximum Output Voltage
vs. Load Resistance
VOLTAGE GAIN – G
1
100
1k
1
TA = –40 C, +25 C, +85 C
10
2
3
4
5
6
7
8
VS = 15V
TPC 23. Slew Rate vs.
Voltage Gain
FREQUENCY – Hz
100
1M
10M
–20
TA = 25 C
VS = 15V
IOUT = 20mA p-p
10k
0
20
40
60
80
100
120
100k
1k
TPC 21. Closed Loop Output
Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com