Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5045BKSZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR5045BKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5045BKSZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADR5045BKSZ-R2 Datasheet HTML 1Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 2Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 3Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Data Sheet
Rev. B | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DYNAMIC OUTPUT IMPEDANCE
(∆VR/∆IR)
IIN = 50 µA to 15 mA
0.2
Ω
MINIMUM OPERATING CURRENT
IIN
TA = 25°C
50
µA
–40°C < TA < +125°C
60
µA
VOLTAGE NOISE
eN
IIN = 100 µA; 0.1 Hz to 10 Hz
3.2
µV rms
IIN = 100 µA; 10 Hz to 10 kHz
150
µV rms
TURN-ON SETTLING TIME
tR
CLOAD = 0 µF
35
µs
OUTPUT VOLTAGE HYSTERESIS
∆VOUT_HYS
IIN = 1 mA
40
ppm
1
Guaranteed by design.
ADR5043 ELECTRICAL CHARACTERISTICS
IIN = 50 µA to 15 mA, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
IIN = 100 µA
Grade A
2.994
3.000
3.006
V
Grade B
2.997
3.000
3.003
V
INITIAL ACCURACY
VOERR
IIN = 100 µA
Grade A
–6
+6
mV
±0.2
%
Grade B
–3
+3
mV
±0.1
%
TEMPERATURE COEFFICIENT1
TCVOUT
–40°C < TA < +125°C
Grade A
10
100
ppm/°C
Grade B
10
75
ppm/°C
OUTPUT VOLTAGE CHANGE vs. IIN
∆VR
IIN = 50 µA to 1 mA
–40°C < TA < +125°C
0.7
2.2
mV
IIN = 1 mA to 15 mA
–40°C < TA < +125°C
4
8
mV
DYNAMIC OUTPUT IMPEDANCE
(∆VR/∆IR)
IIN = 50 µA to 15 mA
0.2
Ω
MINIMUM OPERATING CURRENT
IIN
TA = 25°C
50
µA
–40°C < TA < +125°C
60
µA
VOLTAGE NOISE
eN
IIN = 100 µA; 0.1 Hz to 10 Hz
4.3
µV rms
IIN = 100 µA; 10 Hz to 10 kHz
180
µV rms
TURN-ON SETTLING TIME
tR
CLOAD = 0 µF
42
µs
OUTPUT VOLTAGE HYSTERESIS
∆VOUT_HYS
IIN = 1 mA
40
ppm
1
Guaranteed by design.
ADR5044 ELECTRICAL CHARACTERISTICS
IIN = 50 µA to 15 mA, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
IIN = 100 µA
Grade A
4.088
4.096
4.104
V
Grade B
4.092
4.096
4.100
V
INITIAL ACCURACY
VOERR
IIN = 100 µA
Grade A
–8.192
+8.192
mV
±0.2
%
Grade B
–4.096
+4.096
mV
±0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com