Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5045BKSZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR5045BKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5045BKSZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR5045BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 9Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 10Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 11Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 12Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 13Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 14Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 15Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Data Sheet
Rev. B | Page 14 of 16
ORDERING GUIDE
Model1, 2
Output
Voltage (V)
Initial
Accuracy
(mV)
Tempco
Industrial
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
ADR5040AKSZ-R2
2.048
4.096
100
–40°C to +125°C
3-Lead SC70
KS-3
250
R2J
ADR5040AKSZ-REEL
2.048
4.096
100
–40°C to +125°C
3-Lead SC70
KS-3
10,000
R2J
ADR5040AKSZ-REEL7
2.048
4.096
100
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2J
ADR5040ARTZ-R2
2.048
4.096
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2J
ADR5040ARTZ-REEL
2.048
4.096
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
10,000
R2J
ADR5040ARTZ-REEL7
2.048
4.096
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2J
ADR5040BKSZ-R2
2.048
2.048
75
–40°C to +125°C
3-Lead SC70
KS-3
250
R2L
ADR5040BKSZ-REEL7
2.048
2.048
75
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2L
ADR5040BRTZ-R2
2.048
2.048
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2L
ADR5040BRTZ-REEL7
2.048
2.048
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2L
ADR5041AKSZ-R2
2.500
5
100
–40°C to +125°C
3-Lead SC70
KS-3
250
R2N
ADR5041AKSZ-REEL
2.500
5
100
–40°C to +125°C
3-Lead SC70
KS-3
10,000
R2N
ADR5041AKSZ-REEL7
2.500
5
100
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2N
ADR5041ARTZ-R2
2.500
5
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2N
ADR5041ARTZ-REEL
2.500
5
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
10,000
R2N
ADR5041ARTZ-REEL7
2.500
5
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2N
ADR5041BKSZ-R2
2.500
2.5
75
–40°C to +125°C
3-Lead SC70
KS-3
250
R2Q
ADR5041BKSZ-REEL7
2.500
2.5
75
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2Q
ADR5041BRTZ-R2
2.500
2.5
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2Q
ADR5041BRTZ-REEL7
2.500
2.5
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2Q
ADR5041WARTZ-R7
2500
5
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2N
ADR5041WBRTZ-R7
2.500
2.5
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2Q
ADR5043AKSZ-R2
3.0
6
100
–40°C to +125°C
3-Lead SC70
KS-3
250
R2S
ADR5043AKSZ-REEL
3.0
6
100
–40°C to +125°C
3-Lead SC70
KS-3
10,000
R2S
ADR5043AKSZ-REEL7
3.0
6
100
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2S
ADR5043ARTZ-R2
3.0
6
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2S
ADR5043ARTZ-REEL
3.0
6
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
10,000
R2S
ADR5043ARTZ-REEL7
3.0
6
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2S
ADR5043BKSZ-R2
3.0
3
75
–40°C to +125°C
3-Lead SC70
KS-3
250
R2U
ADR5043BKSZ-REEL7
3.0
3
75
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2U
ADR5043BRTZ-R2
3.0
3
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2U
ADR5043BRTZ-REEL7
3.0
3
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2U
ADR5044AKSZ-R2
4.096
8.192
100
–40°C to +125°C
3-Lead SC70
KS-3
250
R2W
ADR5044AKSZ-REEL
4.096
8.192
100
–40°C to +125°C
3-Lead SC70
KS-3
10,000
R2W
ADR5044AKSZ-REEL7
4.096
8.192
100
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2W
ADR5044ARTZ-R2
4.096
8.192
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2W
ADR5044ARTZ-REEL
4.096
8.192
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
10,000
R2W
ADR5044ARTZ-REEL7
4.096
8.192
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2W
ADR5044BKSZ-R2
4.096
4.096
75
–40°C to +125°C
3-Lead SC70
KS-3
250
R2Y
ADR5044BKSZ-REEL7
4.096
4.096
75
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2Y
ADR5044BRTZ-R2
4.096
4.096
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2Y
ADR5044BRTZ-REEL7
4.096
4.096
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2Y
ADR5044WARTZ-R7
4.096
8.192
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2W
ADR5044WBRTZ-R7
4.096
4.096
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com