Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5045BKSZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR5045BKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5045BKSZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR5045BKSZ-R2 Datasheet HTML 1Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 2Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 3Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5045BKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision Micropower Shunt Mode
Voltage References
Data Sheet
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Ultracompact SC70 and SOT-23 packages
Low temperature coefficient: 75 ppm/°C (maximum)
Pin compatible with LM4040/LM4050
Initial accuracy: ±0.1%
No external capacitor required
Wide operating current range: 50 µA to 15 mA
Extended temperature range: −40°C to +125°C
Qualified for automotive applications
APPLICATIONS
Portable, battery-powered equipment
Automotives
Power supplies
Data acquisition systems
Instrumentation and process control
Energy management
PIN CONFIGURATION
NOTES
1. NC = NO CONNECT.
2. PIN 3 MUST BE LEFT FLOATING OR
CONNECTED TO GROUND.
ADR5040/ADR5041/
ADR5043/ADR5044/
ADR5045
V+
1
V–
2
NC
3
Figure 1. 3-Lead SC70 (KS) and 3-Lead SOT-23 (RT)
GENERAL DESCRIPTION
Designed for space-critical applications, the ADR5040/
ADR5041/ADR5043/ADR5044/ADR5045 are high precision
shunt voltage references, housed in ultrasmall SC70 and SOT-23
packages. These voltage references are multipurpose, easy-to-use
references that can be used in a vast array of applications. They
feature low temperature drift, an initial accuracy of better than
0.1%, and fast settling time.
Available in output voltages of 2.048 V, 2.5 V, 3.0 V, 4.096 V, and
5.0 V, the advanced design of the ADR5040/ADR5041/ADR5043/
ADR5044/ADR5045 eliminates the need for compensation by an
external capacitor, yet the references are stable with any capacitive
load. The minimum operating current increases from 50 µA to
a maximum of 15 mA. This low operating current and ease of use
make these references ideally suited for handheld, battery-powered
applications. This family of references has been characterized
over the extended temperature range of −40°C to +125°C. The
ADR5041W and the ADR5044W are qualified for automotive
applications and are available in a 3-lead SOT-23 package.
Table 1. Selection Table
Part
Voltage (V)
Initial
Accuracy (%)
Temperature
Coefficient
(ppm/°C)
ADR5040A
2.048
±0.2
100
ADR5040B
2.048
±0.1
75
ADR5041A
2.5
±0.2
100
ADR5041B
2.5
±0.1
75
ADR5043A
3.0
±0.2
100
ADR5043B
3.0
±0.1
75
ADR5044A
4.096
±0.2
100
ADR5044B
4.096
±0.1
75
ADR5045A
5.0
±0.2
100
ADR5045B
5.0
±0.1
75


Similar Part No. - ADR5045BKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR5045BKSZ-R2 AD-ADR5045BKSZ-R2 Datasheet
557Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. A
More results

Similar Description - ADR5045BKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
logo
Analog Devices
ADR5040ARTZ AD-ADR5040ARTZ Datasheet
557Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. A
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040 AD-ADR5040_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5041 AD-ADR5041_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com