Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN800PSTR-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # VN800PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PSTR-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VN800PSTR-E Datasheet HTML 14Page - STMicroelectronics VN800PSTR-E Datasheet HTML 15Page - STMicroelectronics VN800PSTR-E Datasheet HTML 16Page - STMicroelectronics VN800PSTR-E Datasheet HTML 17Page - STMicroelectronics VN800PSTR-E Datasheet HTML 18Page - STMicroelectronics VN800PSTR-E Datasheet HTML 19Page - STMicroelectronics VN800PSTR-E Datasheet HTML 20Page - STMicroelectronics VN800PSTR-E Datasheet HTML 21Page - STMicroelectronics VN800PSTR-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application information
VN800PS-E
18/27
Doc ID 15610 Rev 3
Figure 16. Input low level
Figure 17. Turn-on voltage slope
Figure 18. Overvoltage shutdown
Figure 19. Input hysteresis voltage
Figure 20. Turn-off voltage slope
Figure 21. ILIM vs Tcase
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Vil (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
200
400
600
800
1000
1200
1400
1600
dVout/dt(on) (V/ms)
Vcc=24V
Rl=48Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
30
32
34
36
38
40
42
44
46
48
50
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Vhyst (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
800
dVout/dt(off) (V/ms)
Vcc=24V
Rl=48Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Ilim (A)
Vcc=24V
Rl=10mOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com