Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN800PSTR-E Datasheet(PDF) 20 Page - STMicroelectronics

Part # VN800PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PSTR-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VN800PSTR-E Datasheet HTML 16Page - STMicroelectronics VN800PSTR-E Datasheet HTML 17Page - STMicroelectronics VN800PSTR-E Datasheet HTML 18Page - STMicroelectronics VN800PSTR-E Datasheet HTML 19Page - STMicroelectronics VN800PSTR-E Datasheet HTML 20Page - STMicroelectronics VN800PSTR-E Datasheet HTML 21Page - STMicroelectronics VN800PSTR-E Datasheet HTML 22Page - STMicroelectronics VN800PSTR-E Datasheet HTML 23Page - STMicroelectronics VN800PSTR-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Package and PCB thermal data
VN800PS-E
20/27
Doc ID 15610 Rev 3
4
Package and PCB thermal data
4.1
SO-8 thermal data
Figure 24. SO-8 PC board(1)
1.
Layout condition of Rth and Zth measurements (PCB FR4 area = 58 mm x 58 mm, PCB thickness = 2 mm,
Cu thickness = 35 µm, Copper areas: 0.14 cm2, 2 cm2).
Figure 25. SO-8 Rthj-amb vs PCB copper area in open box free air condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com