Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN800PSTR-E Datasheet(PDF) 23 Page - STMicroelectronics

Part # VN800PSTR-E
Description  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PSTR-E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VN800PSTR-E Datasheet HTML 19Page - STMicroelectronics VN800PSTR-E Datasheet HTML 20Page - STMicroelectronics VN800PSTR-E Datasheet HTML 21Page - STMicroelectronics VN800PSTR-E Datasheet HTML 22Page - STMicroelectronics VN800PSTR-E Datasheet HTML 23Page - STMicroelectronics VN800PSTR-E Datasheet HTML 24Page - STMicroelectronics VN800PSTR-E Datasheet HTML 25Page - STMicroelectronics VN800PSTR-E Datasheet HTML 26Page - STMicroelectronics VN800PSTR-E Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
VN800PS-E
Package and packing information
Doc ID 15610 Rev 3
23/27
5
Package and packing information
5.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.2
SO-8 package information
Table 16.
SO-8 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
a1
0.1
0.25
a2
1.65
a3
0.65
0.85
b
0.35
0.48
b1
0.19
0.25
C
0.25
0.5
c1
45
D4.8
5
E
5.8
6.2
e1.27
e3
3.81
F3.8
4
L
0.4
1.27
M
0.6
S
8
L1
0.8
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com