Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEC09 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC09
Description  PEC09 Series - 9 mm Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC09 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC09 Datasheet HTML 1Page - Bourns Electronic Solutions PEC09 Datasheet HTML 2Page - Bourns Electronic Solutions PEC09 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
C
A
E
D
1.0 +0.2/-0
(.039 +.008/-0)
MOUNTING
SURFACE
5 PLCS.
0.5 +0.4/-0.3
(.020 +.016/-.012)
SWITCH STROKE
0.8 ± 0.2
(.031 ± .008)
4.85
(.191)
6.5
(.256)
3.5
(.138)
5.0 ± 0.1
(.197 ± .004)
6.25 ± 0.1
(.246 ± .004)
5.0 ± 0.1
(.197 ± .004)
2.5 ± 0.1
(.098 ± .004)
2.5 ± 0.1
(.098 ± .004)
13.3
(.524)
B
C
A
E
D
1.0 +0.2/-0
(.039 +.008/-0)
MOUNTING
SURFACE
5 PLCS.
5.0 ± 0.1
(.197 ± .004)
5.0 ± 0.1
(.197 ± .004)
5.0 ± 0.1
(.197 ± .004)
2.5 ± 0.1
(.098 ± .004)
2.5 ± 0.1
(.098 ± .004)
1.5 ± 0.5
(.059 +.020)
SWITCH STROKE
0.8 ± 0.2
(.031 ± .008)
4.85
(.191)
6.5
(.256)
3.5
(.138)
(ENCODER)
(SW)
(ENCODER)
(SW)
12.05
(.474)
9.7
(.382)
Y
Y
AC
B
B
C
A
XX
Y
Y
XX
1.0 +0.2/-0
(.039 +.008/-0)
MOUNTING
SURFACE
3 PLCS.
2.0 ± 0.1
(.079 ± .004)
0.8 ± 0.2
(.031 ± .008)
0.9 ± 0.1
(.035 ± .004)
0.8 ± 0.2
(.031 ± .008)
SHAFT
FLAT IS
OPTIONAL
ANGLE
6.0 ± 0.2
(.236 ± .008)
3.5
(.138)
4.85
(.191)
6.5
(.256)
3.5
(.138)
(SW01)
5.0 ± 0.1
(.197 ± .004)
5.0 ± 0.1
(.197 ± .004)
2.5 ± 0.1
(.098 ± .004)
2.5 ± 0.1
(.098 ± .004)
7.05
(.278)
PEC09-2xxxF-Sxxxx
PEC09-2xxxF-Txxxx
PEC09-2xxxF-Nxxxx
Locating Lug Detail
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC09 Series - 9 mm Incremental Encoder
Product Dimensions
Applications
Level control, tuning and timer settings in:
■ Audio-visual equipment
■ Consumer electric appliances
■ Environmental controls
■ Musical instrumentation
■ Communications equipment
DIMENSIONS:
MM
(INCHES)
M7 x
WASHER
NUT
2.0
(.079)
0.5
(.020)
DIA.
7.2
(.283)
DIA.
11.0
(.433)
DIA.
12.7
(.500)
0.75
(.030)
DIA.
12.0
(.472)
Hardware



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com