Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEC09 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEC09
Description  PEC09 Series - 9 mm Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC09 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEC09 Datasheet HTML 1Page - Bourns Electronic Solutions PEC09 Datasheet HTML 2Page - Bourns Electronic Solutions PEC09 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC09 Series - 9 mm Incremental Encoder
REV. 10/11
DIMENSIONS:
MM
(INCHES)
PEC09-2xxxx-Nxxxx
Knurled Type
PEC09-2xxxx-Sxxxx
(0.5 mm Switch Stroke)
Knurled Type
PEC09-2xxxx-Txxxx
(1.5 mm Switch Stroke)
Knurled Type
LB
L2
L3
18 TEETH
L1
1.0
(.039)
6.0
(.236)
DIA.
0.75
(.030)
M7x
LB
L2
L3
18 TEETH
L1
1.0
(.039)
6.0
(.236)
DIA.
0.75
(.030)
M7x
0.5
(.020)
C
1.0
(.039)
OR
0.5
(.020)
C
1.0
(.039)
OR
LB
L2
L3
18 TEETH
L1
1.0
(.039)
6.0
(.236)
DIA.
0.75
(.030)
M7x
0.5
(.020)
C
1.0
(.039)
OR
Shaft Options
L1
LB
L2
L3
15
(.591)
5.0
(.197)
6.0
(.236)
7.0
(.276)
20
(.787)
7.0
(.276)
10.0
(.394)
11.0
(.433)
25
(.984)
10.0
(.394)
10.0
(.394)
11.0
(.433)
L1
LB
L2
L3
15
(.591)
5.0
(.197)
6.0
(.236)
7.0
(.276)
20
(.787)
7.0
(.276)
9.0
(.354)
10.0
(.394)
25
(.984)
10.0
(.394)
9.0
(.354)
10.0
(.394)
L1
LB
L2
L3
15
(.591)
5.0
(.197)
5.0
(.197)
6.0
(.236)
20
(.787)
7.0
(.276)
8.0
(.315)
9.0
(.354)
25
(.984)
10.0
(.394)
8.0
(.315)
9.0
(.354)
Flat Type
Flat Type
Flat Type
LB
L2
L1
4.5
(.177)
6.0
(.236)
DIA.
0.75
(.030)
M7x
0.5
(.020)
C
1.0
(.039)
OR
LB
L2
L1
4.5
(.177)
6.0
(.236)
DIA.
0.75
(.030)
M7x
0.5
(.020)
C
1.0
(.039)
OR
LB
L2
L1
4.5
(.177)
6.0
(.236)
DIA.
0.75
(.030)
M7x
0.5
(.020)
C
1.0
(.039)
OR
L1
LB
L2
15
(.591)
5.0
(.197)
7.0
(.276)
20
(.787)
7.0
(.276)
12.0
(.472)
25
(.984)
10.0
(.394)
12.0
(.472)
L1
LB
L2
15
(.591)
5.0
(.197)
7.0
(.276)
20
(.787)
7.0
(.276)
10.0
(.394)
25
(.984)
10.0
(.394)
10.0
(.394)
L1
LB
L2
15
(.591)
5.0
(.197)
7.0
(.276)
20
(.787)
7.0
(.276)
10.0
(.394)
25
(.984)
10.0
(.394)
10.0
(.394)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com