Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEC09 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PEC09
Description  PEC09 Series - 9 mm Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC09 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PEC09 Datasheet HTML 1Page - Bourns Electronic Solutions PEC09 Datasheet HTML 2Page - Bourns Electronic Solutions PEC09 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01
μF
0.01
μF
ENCODER
Features
■ Push switch option
■ Compact, rugged design
■ High reliability
■ Metal bushing/shaft
PEC09 Series - 9 mm Incremental Encoder
* RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
**Devices are tested using standard noise reduction filters.
For optimum performance, designers should use noise reduction filters in their circuits.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How To Order
PEC09 - 2 0 20 F - S 0012
Model
Terminal Configuration
2 = PC Pin Vertical/Side Exit
Detent Option
0 = No Detents (12, 15 pulses)
1 = 12 Detents (12 pulses)
2 = 24 Detents (12 pulses)
3 = 30 Detents (15 pulses)
Standard Shaft Length
15 = 15.0 mm
20 = 20.0 mm
25 = 25.0 mm
Shaft Style
F = Metal Flatted Shaft
K = Metal Knurled Shaft
Switch Configuration
N = No Switch
S = Push Momentary (0.5 mm stroke)
T = Push Momentary (1.5 mm stroke)
Resolution
0012 = 12 Pulses per 360 ° Rotation
0015 = 15 Pulses per 360 ° Rotation
Electrical Characteristics
Output....................................................................................................................................................................................................2-bit quadrature code
Closed Circuit Resistance ...........................................................................................................................................................................3 ohms maximum
Contact Rating.............................................................................................................................................................................................. 10 mA @ 5 VDC
Insulation Resistance ...................................................................................................................................................................100 megohms @ 250 VDC
Dielectric Withstanding Voltage
Sea Level............................................................................................................................................................................................... 300 VAC minimum
Electrical Travel .....................................................................................................................................................................................................Continuous
Contact Bounce (15 RPM).........................................................................................................................................................................5.0 ms maximum**
RPM (Operating) ..............................................................................................................................................................................................60 maximum**
Environmental Characteristics
Operating Temperature Range ......................................................................................................................................-10 °C to +70 °C (+14 °F to +158 °F)
Storage Temperature Range ..........................................................................................................................................-40 °C to +85 °C (-40 °F to +185 °F)
Humidity................................................................................................................................................................. MIL-STD-202, Method 103B, Condition B
Rotational Life.................................................................................................................................................................................... 30,000 cycles minimum
IP Rating..........................................................................................................................................................................................................................IP 40
Mechanical Characteristics
Mechanical Angle ......................................................................................................................................................................................... 360 ° continuous
Torque
Running/Detent............................................................................................................................................................ 30 to 200 gf.cm (0.42 to 2.7 oz.-in.)
Mounting .......................................................................................................................................................................10.0 kgf.cm (8.67 lb.-in.) maximum
Terminal Bend Strength .................................................................................................................................................................................300 gf (10.6 ozf)
Shaft Push-Pull Strength ................................................................................................................................................................................... 10 kgf (22 lbf)
Weight ............................................................................................................................................................................................ 5 gm (0.17 oz.) maximum
Terminals ................................................................................................................................................................................. Printed circuit board terminals
Soldering Condition
Wave Soldering ...................................................................................... Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C max. for 3-5 seconds
Hand Soldering ................................................................................................................................................................................. Not recommended
Hardware ....................................................................................................................... One flat washer and one mounting nut supplied with each encoder
Switch Characteristics
Switch Type ....................................................................................................................................................................Contact Push ON Momentary SPST
Switch Life ......................................................................................................................................................................................... 20,000 cycles minimum
Power Rating (Resistive Load) ..................................................................................................................................................................... 10 mA at 5 V DC
Switch Travel .............................................................................................................................................................................................. See How to Order
Switch Actuation Force ...............................................................................................................................................................300 ± 200 gf (10.6 ± 7.0 ozf)
Quadrature Output Table
A Signal
CW
D
ON
OFF
B Signal
CCW
Suggested Filter Circuit
Switch Circuit
DE


Similar Part No. - PEC09

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC09-2015F-N0012 BOURNS-PEC09-2015F-N0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC09-2015F-N0015 BOURNS-PEC09-2015F-N0015 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC09-2015F-S0012 BOURNS-PEC09-2015F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC09-2015F-S0015 BOURNS-PEC09-2015F-S0015 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC09-2015F-T0012 BOURNS-PEC09-2015F-T0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
More results

Similar Description - PEC09

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3315 BOURNS-3315 Datasheet
268Kb / 5P
9 mm Square Sealed Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
12 mm Incremental Encoder
3315 BOURNS-3315_10 Datasheet
201Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
3315Y-001-006L BOURNS-3315Y-001-006L_12 Datasheet
347Kb / 5P
3315 - 9 mm Square Sealed Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com