Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGC30GLH Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # BGC30GLH
Description  Low VF Rectifier Diode (200V~1000V / 3.0A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

BGC30GLH Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  BGC30GLH Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. BGC30GLH Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(200V~1000V / 3.0A)
BGC30DLH THRU BGC30MLH
Low VF Rectifier Diode
* Halogen-free type
* Lead free product, compliance to RoHS
* GPRC (Glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Lead less chip form, no lead damage
* Low forward voltage drop
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* General purpose rectification
* Surge absorption
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.04 gram
MECHANICAL DATA
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
BGC30DLH
200
BGC30GLH
400
BGC30JLH
BGC30KLH
BGC30MLH
600
800
1000
V
IF(AV)
IFSM
A
Tj
TSTG
115
110
-65 to +175
-65 to +175
ITEM
Average forward current
Symbol
Unit
Peak forward surge current (8.3ms single half sine-wave)
Operating junction temperature Range
Rating
3.0
Repetitive peak reverse voltage
Storage temperature Range
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
-
68
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
19
-
Rth(JL)
Junction to lead (NOTE)
pF
-
29
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.10
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 3.0A
V
-
0.91
0.93
Forward voltage
* 5,000 pieces per 13" (330mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
NOTES : Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
Unit : mm
OUTLINE DIMENSIONS
JEDEC : DO-214AA / SMB
5.2 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
R0.6
95 ±
0.015
MARKING
Cathode mark
Amps class
Series code
Low VF
Voltage class
BGC
30DL
.
Halogen-free type
Voltage class:
D = 200V, G = 400V, J = 600V
K = 800V, M = 1000V
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - BGC30GLH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BGC30GLH ZOWIE-BGC30GLH Datasheet
49Kb / 2P
Low VF Rectifier Diode
BGC30GLH ZOWIE-BGC30GLH Datasheet
65Kb / 2P
Low VF Rectifier Diode
More results

Similar Description - BGC30GLH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340LA DIODES-B340LA Datasheet
67Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. B-2
SB330L DIODES-SB330L Datasheet
54Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30219 Rev. C-2
B340LA DIODES-B340LA_1 Datasheet
459Kb / 3P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30240 Rev. 6 - 2
logo
Sanyo Semicon Device
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Diodes Incorporated
B340LA DIODES-B340LA_10 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 September 2010
logo
Gaomi Xinghe Electronic...
BUGC30DH GXELECTRONICS-BUGC30DH Datasheet
332Kb / 2P
Ultrafast Efficient Rectifier (200V~800V / 3.0A)
logo
Diodes Incorporated
B340LAB DIODES-B340LAB_15 Datasheet
98Kb / 4P
3.0A LOW VF SCHOTTKY BARRIER RECTIFIER
Rev 10
logo
Zibo Seno Electronic En...
SR330L ZSELEC-SR330L Datasheet
125Kb / 2P
3.0A LOW VF SCHOTTKY BARRIER DIODE
logo
Semtech Corporation
1N5614C SEMTECH-1N5614C Datasheet
178Kb / 4P
200V-1000V Axial Leaded Fast Avalanche Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com