Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82575EB Datasheet(PDF) 13 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 9Page - Intel Corporation 82575EB Datasheet HTML 10Page - Intel Corporation 82575EB Datasheet HTML 11Page - Intel Corporation 82575EB Datasheet HTML 12Page - Intel Corporation 82575EB Datasheet HTML 13Page - Intel Corporation 82575EB Datasheet HTML 14Page - Intel Corporation 82575EB Datasheet HTML 15Page - Intel Corporation 82575EB Datasheet HTML 16Page - Intel Corporation 82575EB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
System Management Interface Signals — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
13
3.4
System Management Interface Signals
3.5
MDIO Signals
3.6
SPI EEPROM and FLASH Signals
Symbol
Type
Name and Function
SMBCLK
OD
SMB Clock
The SMB Clock signal is an open drain signals for the serial SMB interface.
SMBD
OD
SMB Data
The SMB Data signal is an open drain signal for the serial SMB interface.
SMBALRT_N
OD
SMB Alert
The SMB Alert signal is an open drain signal for serial SMB Port A.It acts as an alert input in
82559 compatible mode.
NCSI_CLK_IN
I
NCSI Reference Clock Input. Synchronous clock reference for receive, transmit and control
interface. It is a 50MHz clock /- 50 ppm.
NCSI_CLK_OUT
O
NCSI Reference Clock Output. Synchronous clock reference for receive, transmit and
control interface. It is a 50MHz clock /- 50 ppm. Serves as a clock source to the BMC and
the 82575EB (when configured so).
NCSI_CRS_DV
O
Carrier Sense / Receive Data Valid
NCSI_RXD[1]
NCSI_RXD[0]
O
Receive Data. Data signals from the device to the BMC
NCSI_TX_EN
I
Transmit Enable
NCSI_TXD[1]
NCSI_TXD[0]
I
Transmit Data. Data signals from BMC to the device
Symbol
Type
Name and Function
MDC
O
Management Data Clock. Used by the PHY as a clock timing reference for information transfer on
the MDIO signal. The MDC is not required to be a continuous signal and can be frozen when no
management data is transferred. The MDC signal has a maximum operating frequency of
2.5MHz.
MDIO
I/O
Management Data I/O. This internal signaling between the MAC and PHY logically represents a
bi-directional data signal used to transfer control information and status to and from the PHY (to
read and write the PHY management registers ). Asserting and interpreting value(s) on this
interface requires knowledge of the special MDIO protocol to avoid possible internal signal
contention or miscommunication to/from the PHY
Symbol
Type
Name and Function
EE_DI
TS
EEPROM Data Input
The EEPROM Data Input pin is used for output to the SPI EEPROM memory device.
EE_DO
I
EEPROM Data Output
The EEPROM Data Output pin is used for input from the SPI EEPROM memory device. The EE_DO
includes an internal pull-up resistor.
EE_CS_N
TS
EEPROM Chip Select
The EEPROM Chip Select signal is used to enable the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com