Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82575EB Datasheet(PDF) 49 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 49 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 45Page - Intel Corporation 82575EB Datasheet HTML 46Page - Intel Corporation 82575EB Datasheet HTML 47Page - Intel Corporation 82575EB Datasheet HTML 48Page - Intel Corporation 82575EB Datasheet HTML 49Page - Intel Corporation 82575EB Datasheet HTML 50Page - Intel Corporation 82575EB Datasheet HTML 51Page - Intel Corporation 82575EB Datasheet HTML 52Page - Intel Corporation 82575EB Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Targeted AC Characteristics — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
49
6.4
Targeted AC Characteristics
Table 13.
25 MHz Clock Input Requirements
Table 14.
Link Interface Clock Requirements
Symbol
Parameter
Min
Typ
Max
Unit
f0
Frequency
N/A
25.000
N/A
MHz
df0
Frequency Variation
-50
N/A
+50
ppm
Dc
Duty Cycle
40
N/A
60
%
tr
Rise Time
N/A
N/A
5
ns
tf
Fall Time
N/A
N/A
5
ns
Jptp
Clock Jitter (peak-to-peak)1
1. Clock jitter is defined according to the recommendations of part 40.6.1.2.5 IEEE 1000Base-T Standard (at least 105 clock edges,
filtered by HPF with cut off frequency of 5000 Hz).
N/A
N/A
250
ps
Cin
Input Capacitance
N/A
20
N/A
pF
T
Operating Temperature
N/A
N/A
70
°C
Aptp
Input clock amplitude (peak-to-peak)
1.0
1.2
1.3
V
Vcm
Clock common mode
N/A
0.6
N/A
V
Symbol
Parameter
Min
Typ
Max
Unit
fGTX1
1. GTX_CLK is used externally for test purposes only. See signals IEEE_TEST1_p and IEEE_TEST1_n.
GTX_CLK frequency
N/A
125
N/A
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com