Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82575EB Datasheet(PDF) 39 Page - Intel Corporation

Part # 82575EB
Description  Intel짰 82575EB Gigabit Ethernet Controller Datasheet
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575EB Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82575EB Datasheet HTML 35Page - Intel Corporation 82575EB Datasheet HTML 36Page - Intel Corporation 82575EB Datasheet HTML 37Page - Intel Corporation 82575EB Datasheet HTML 38Page - Intel Corporation 82575EB Datasheet HTML 39Page - Intel Corporation 82575EB Datasheet HTML 40Page - Intel Corporation 82575EB Datasheet HTML 41Page - Intel Corporation 82575EB Datasheet HTML 42Page - Intel Corporation 82575EB Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Voltage Ramp and Sequencing Recommendations — Intel® 82575EB Gigabit Ethernet Controller
317679-004
Intel® 82575EB Gigabit Ethernet Controller
Revision: 2.11
Datasheet
January 2011
39
Table 4.
1.8 V Supply Voltage Ramp
Table 5.
1.0 V Supply Voltage Ramp
Parameter
Description
Min
Max
Unit
Rise Time
Time from 10% to 90% mark
0.1
1001
1. Good design practices achieve voltage ramps to within the regulation bands in approximately 20 ms or less.
ms
Monotonicity
Voltage dip allowed in ramp
N/A
0
mV
Slope
Ramp rate at any time between 10% to 90%
14
60000
mV/ms
Operational
Range
Voltage range for normal operating
conditions
1.71
1.89
V
Ripple
Maximum voltage ripple at a bandwidth
equal to 1 MHz
N/A
40
mVpeak-peak
Overshoot
SettlingTime
Overshoot time upon ramp2
2. Excessive overshoot can affect long term reliability.
N/A
0.1
ms
Overshoot
Maximum voltage allowedb
N/A
100
mV
Parameter
Description
Min
Max
Unit
Rise Time
Time from 10% to 90% mark
0.1
1001
1. Good design practices achieve voltage ramps to within the regulation bands in approximately 20 ms or less.
ms
Monotonicity
Voltage dip allowed in ramp
N/A
0
mV
Slope
Ramp rate at any time between 10% to
90%
7.6
33600
mV/ms
Operational
Range
Voltage range for normal operating
conditions
0.95
1.05
V
Ripple
Maximum voltage ripple at a bandwidth
equal to 1 MHz
N/A
40
mVpeak-peak
Overshoot
SettlingTime
Overshoot time upon ramp2
2. Excessive overshoot can affect long term reliability.
N/A
0.05
ms
Overshoot
Maximum voltage allowedb
N/A
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com