Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECGQ9WP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LECGQ9WP
Description  Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGQ9WP Datasheet(HTML) 1 Page - OSRAM GmbH

  LECGQ9WP Datasheet HTML 1Page - OSRAM GmbH LECGQ9WP Datasheet HTML 2Page - OSRAM GmbH LECGQ9WP Datasheet HTML 3Page - OSRAM GmbH LECGQ9WP Datasheet HTML 4Page - OSRAM GmbH LECGQ9WP Datasheet HTML 5Page - OSRAM GmbH LECGQ9WP Datasheet HTML 6Page - OSRAM GmbH LECGQ9WP Datasheet HTML 7Page - OSRAM GmbH LECGQ9WP Datasheet HTML 8Page - OSRAM GmbH LECGQ9WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2012-06-27
1
2012-06-27
OSRAM OSTAR Projection Compact
Datasheet
Version 2.0
LE CG Q9WP
Highly efficient lightsource, slim package design
Hocheffiziente Lichtquelle, niedrige Bauteilhöhe
Features:
Besondere Merkmale:
•
Package: compact lightsource in SMT
technology with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Color: Cx = 0.318, Cy = 0.642 acc. to CIE 1931
(converted green) within
λ = 500 ... 600 nm; 0.32 /
0.54 for full spectral range
•
Farbe: Cx = 0.318, Cy = 0.642 acc. to CIE 1931
(konvertiertes grün) im Bereich
λ = 500 ... 600 nm;
0.32 / 0.54 für den gesamten Spektralbereich
•
ESD-withstand voltage: 2 kV acc. to
JESD22-A114-F
•
ESD-Festigkeit: 2 kV nach JESD22-A114-F
•
Viewing angle at 50 % I
V: 130°
•
Abstrahlwinkel bei 50 % I
V: 130°
Applications
Anwendungen
•
Projection
•
Projektion


Similar Part No. - LECGQ9WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGQ7WP OSRAM-LECGQ7WP Datasheet
1Mb / 26P
Headup Display
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
Highly efficient lightsource, slim package design
LECGQ8WP-6P5Q-2 OSRAM-LECGQ8WP-6P5Q-2 Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
More results

Similar Description - LECGQ9WP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DC6M401X6-18S NXP-DC6M401X6-18S Datasheet
709Kb / 2P
Small, highly efficient switching converters
October 2012
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
Slim compact design
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
Ultra slim design: thickness 52mm
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
Ultra Slim Design
logo
OSRAM GmbH
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
Highly efficient lightsource, slim package design
LMWG5AP-7C8D-NZN7-DF-LH OSRAM-LMWG5AP-7C8D-NZN7-DF-LH Datasheet
396Kb / 17P
slim package design for thin applications
LUWCJSN-GYHY-EULW-35 OSRAM-LUWCJSN-GYHY-EULW-35 Datasheet
797Kb / 23P
High efficient lightsource at small dimensions
logo
A-Data Technology
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
Slim profile design
SE730H A-DATA-SE730H Datasheet
473Kb / 2P
Portable-slim design
logo
OSRAM GmbH
SFH-487 OSRAM-SFH-487 Datasheet
165Kb / 13P
Very highly efficient GaAlAs-LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com