Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECGQ9WP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LECGQ9WP
Description  Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGQ9WP Datasheet(HTML) 5 Page - OSRAM GmbH

  LECGQ9WP Datasheet HTML 1Page - OSRAM GmbH LECGQ9WP Datasheet HTML 2Page - OSRAM GmbH LECGQ9WP Datasheet HTML 3Page - OSRAM GmbH LECGQ9WP Datasheet HTML 4Page - OSRAM GmbH LECGQ9WP Datasheet HTML 5Page - OSRAM GmbH LECGQ9WP Datasheet HTML 6Page - OSRAM GmbH LECGQ9WP Datasheet HTML 7Page - OSRAM GmbH LECGQ9WP Datasheet HTML 8Page - OSRAM GmbH LECGQ9WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 2.0
LE CG Q9WP
2012-06-27
5
Brightness Groups
Helligkeits-Gruppierungsschema
Group
Luminous Flux
1) page 21
Luminous Flux
1) page 21
Gruppe
Lichtstrom
1) Seite 21
Lichtstrom
1) Seite 21
(min.)
Φ
V [lm]
(max.)
Φ
V [lm]
6N
315
355
7N
355
400
8N
400
450
5P
450
500
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group
or a grouping of all individual brightness groups of only a few brightness groups. Individual brightness
groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen bestehen. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Chromaticity coordinate groups 2) page 21
Farbortgruppen 2) Seite 21
within
λ = 500 ... 600 nm
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
Cx
Cy
0,630
0,640
0,650
0,310
0,320
0,330
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com