Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECGQ9WP Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LECGQ9WP
Description  Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGQ9WP Datasheet(HTML) 4 Page - OSRAM GmbH

  LECGQ9WP Datasheet HTML 1Page - OSRAM GmbH LECGQ9WP Datasheet HTML 2Page - OSRAM GmbH LECGQ9WP Datasheet HTML 3Page - OSRAM GmbH LECGQ9WP Datasheet HTML 4Page - OSRAM GmbH LECGQ9WP Datasheet HTML 5Page - OSRAM GmbH LECGQ9WP Datasheet HTML 6Page - OSRAM GmbH LECGQ9WP Datasheet HTML 7Page - OSRAM GmbH LECGQ9WP Datasheet HTML 8Page - OSRAM GmbH LECGQ9WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2012-06-27
4
Version 2.0
LE CG Q9WP
Characteristics (T
S = 25 °C; IF = 1400 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to
CIE 1931
2) page 21
Farbkoordinaten nach CIE 1931
2)
Seite 21
(within
λ = 500 ... 600 nm)
(typ.)
(typ.)
Cx
Cy
0.318
0.642
-
-
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
520
nm
Spectral bandwidth at 50% I
rel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
Δλ
100
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2
ϕ
130
°
Forward voltage
3) page 21
Durchlassspannung
3) Seite 21
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.90
3.45
4.30
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Partial Flux acc. CIE 127:2007
Partieller Fluss
(
Φ
V 120° = x * ΦV 180°)
(typ.)
Φ
E/V, 120°
0.77
Radiating surface
Abstrahlende Fläche
(typ.)
A
color
1.55 x 1.24
mm2
Real thermal resistance junction /
solder point
4) page 21
Realer Wärmewiderstand
Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
R
th JS real
R
th JS real
3
4
K/W
K/W
"Electrical" thermal resistance
junction / solder point
4) page 21
"Elektrischer" Wärmewiderstand
Sperrschicht / Lötpad
4) Seite 21
(with efficiency
η
e = 20 %)
(typ.)
(max.)
R
th JS el
R
th JS el
2.4
3.2
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com