Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3263TMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263TMX/NOPB
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263TMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3263TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LM3263
www.ti.com
SNVS837 – JUNE 2013
PIN DESCRIPTIONS
Pin #
Name
Description
A1
PVIN
Power Supply Voltage Input to the internal PFET switch.
B1
VIO functions as the RFFE interface reference voltage. VIO also functions as reset and enable
C1
VIO
input to the LM3263. Typically connected to voltage regulator controlled by RF or Baseband
IC.
Digital control interface RFFE Bus clock input. Typically connected to RFFE master on RF or
D1
SCLK
Baseband IC. SCLK must be held low when VIO is not applied.
A2
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier.
B2
Digital control interface RFFE Bus data input/output. Typically connected to RFFE master on
C2
SDATA
RF or Baseband IC. SDATA must be held low when VIO is not applied.
D2
GPO1
General Purpose Output. Also used to reconfigure USID.
A3
PGND
Power Ground to the internal NFET switch.
B3
BGND
ACB, Analog Bypass Ground and Digital Ground.
C3
FB
Feedback Analog Input. Connect to the output at the output filter capacitor.
D3
SGND
Signal Analog Ground (Low Current).
A4
ACB
ACB and Analog Bypass output. Connect to the output at the output filter capacitor.
C4
B4
PACB
ACB Power Supply Input.
D4
SVDD
Analog Power Supply Voltage.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com