Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3263TMX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263TMX/NOPB
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263TMX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3263TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3263TMX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
SW
IIND
VOUT
1A/DIV
2V/DIV
1V/DIV
20 s/DIV
100 s/DIV
VOUT
VBATT
50mVac/DIV
500mV/DIV
VOUT
IOUT
100mVac/DIV
500mA/DIV
100 s/DIV
VOUT
VBATT
50mVac/DIV
500mV/DIV
100 s/DIV
VOUT
IOUT
50mVac/DIV
200mA/DIV
100 s/DIV
VOUT
IOUT
50mVac/DIV
500mA/DIV
100 s/DIV
LM3263
www.ti.com
SNVS837 – JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(VBATT =3.8V, TA = 25°C, unless otherwise noted)
Load Transient
Load Transient
VOUT=2.5V, IOUT=0mA to 300mA
VOUT=3.0V, IOUT=0mA to 700mA
Figure 13.
Figure 14.
Load Transient
Line Transient
VBATT=4.2V, VOUT=3.0V, IOUT=0mA to 1.2A
VBATT=3.6V to 4.2V, VOUT=2.5V, RLOAD=6.8Ω
Figure 15.
Figure 16.
Line Transient
Timed-Current Limit
VBATT=3.6V to 4.2V, VOUT=1.0V, RLOAD=6.8Ω
VBATT=4.2V, VOUT=2.5V, RLOAD=6.8Ω to 0Ω
Figure 17.
Figure 18.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com